Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 246 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 246 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 242Page - STMicroelectronics RM0319 Datasheet HTML 243Page - STMicroelectronics RM0319 Datasheet HTML 244Page - STMicroelectronics RM0319 Datasheet HTML 245Page - STMicroelectronics RM0319 Datasheet HTML 246Page - STMicroelectronics RM0319 Datasheet HTML 247Page - STMicroelectronics RM0319 Datasheet HTML 248Page - STMicroelectronics RM0319 Datasheet HTML 249Page - STMicroelectronics RM0319 Datasheet HTML 250Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 368 page
background image
Fast infrared port (IRDA)
RM0319
246/368
Doc ID 022640 Rev 3
19
Fast infrared port (IRDA)
This chapter focuses on FirDA functionality and operation.
For technical details about the programmable registers related to the FirDA, refer to the
FirDA registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
19.1
Overview
SPEAr320S provides a fast IrDA Controller modeled according to the standard of the
infrared data association (IrDA).
It is a programmable infrared controller that acts as an interface between the on-chip AHB
bus and infrared transceiver. This controller is able to perform the modulation and the
demodulation of the infrared signals and the wrapping of the IrDA link access protocol
(IrLAP) frames.
19.2
Main features
●
Supports different standards:
–
IrDA serial infrared physical layer specification (IrPHY), version 1.3
–
IrDA link access protocol (IrLAP), version 1.1
●
Supports different infrared modes and baud rates:
–
Serial infrared (SIR), with rates 9.6 Kbps, 19.2 Kbps, 38.4 Kbps, 57.6 Kbps and
115.2 Kbps
–
Medium infrared (MIR), with rates 576 Kbps and 1.152 Mbps
–
Fast infrared (FIR), with rate 4 Mbps.
●
Provides a transceiver interface compliant to all IrDA transceivers with configurable
polarity of TX and RX signals.
●
Integrates half-duplex infrared frame transmission and reception.
●
Integrates 16 bit CRC algorithm for SIR and MIR, and 32 bit CRC algorithm for FIR.
●
Generates preamble, start and stop flag.
●
Uses the RZI (return-to-zero inverted) modulation/demodulation scheme for SIR and
MIR, and the 4PPM (4 pulse position modulation) modulation/demodulation scheme for
FIR.
●
Provides synchronization by means of a DPLL in FIR mode.
●
Implements a payload data transfer controllable by either CPU or DMA controller.
●
Presents two clock domains:
–
a dedicated clock (irda_clk signal) for an accurate signal generation (48 MHz, see
for more details the Miscellaneous register PRPH_CLK_CFG[bit 6:5] and PLL
programming sequence description.
–
an independent and variable clock for the bus interface (13 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com