Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 242 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 242 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 238Page - STMicroelectronics RM0319 Datasheet HTML 239Page - STMicroelectronics RM0319 Datasheet HTML 240Page - STMicroelectronics RM0319 Datasheet HTML 241Page - STMicroelectronics RM0319 Datasheet HTML 242Page - STMicroelectronics RM0319 Datasheet HTML 243Page - STMicroelectronics RM0319 Datasheet HTML 244Page - STMicroelectronics RM0319 Datasheet HTML 245Page - STMicroelectronics RM0319 Datasheet HTML 246Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 368 page
background image
Synchronous serial ports (SSP)
RM0319
242/368
Doc ID 022640 Rev 3
The frequency selected for SSPCLK must accommodate the desired range of bit clock
rates. The ratio of minimum SSPCLK frequency to SSPCLKOUT maximum frequency in the
case of the slave mode is 12 and for the master mode it is two.
To generate a maximum bit rate of 1.8432 Mbps in the master mode, the frequency of
SSPCLK must be at least 3.6864 MHz. With an SSPCLK frequency of 3.6864 MHz, the
SSPCPSR register must be programmed with a value of two and the SCR[7:0] field in the
SSPCR0 register needs to be programmed as zero.
To work with a maximum bit rate of 1.8432 Mbps in the slave mode, the frequency of
SSPCLK must be at least 22.12 MHz. With an SSPCLK frequency of 22.12 MHz, the
SSPCPSR register can be programmed with a value of 12 and the SCR[7:0] field in the
SSPCR0 register can be programmed as zero. Similarly the ratio of SSPCLK maximum
frequency to SSPCLKOUT minimum frequency is 254 x 256.
The minimum frequency of SSPCLK is governed by the following equations, both of which
have to be satisfied:
FSSPCLK(min) => 2 x FSSPCLKOUT(max) [for master mode]
FSSPCLK(min) => 12 x FSSPCLKIN(max) [for slave mode]
The maximum frequency of SSPCLK is governed by the following equations, both of which
have to be satisfied:
FSSPCLK(max) <= 254 x 256 x FSSPCLKOUT(min) [for master mode]
FSSPCLK(max) <= 254 x 256 x FSSPCLKIN(min) [for slave mode]
18.5.3
Programming the SSPCR0 control register
The SSPCR0 register is used to:
●
Program the serial clock rate
●
Select one of the three protocols
●
Select the data word size (where applicable).
The Serial Clock Rate (SCR) value, in conjunction with the SSPCPSR clock prescale divisor
value (CPSDVSR), is used to derive the SSP transmit and receive bit rate from PCLK.
The frame format is programmed through the FRF bits and the data word size through the
DSS bits.
Bit phase and polarity, applicable to Motorola SPI format only, are programmed through the
SPH and SPO bits.
18.5.4
Programming the SSPCR1 control register
The SSPCR1 register is used to:
●
Select master or slave mode
●
Enable a loop back test feature
●
Enable the SSP peripheral.
To configure the SSP as a master, clear the SSPCR1 register master or slave selection bit
(MS) to 0, which is the default value on reset.
Setting the SSPCR1 register MS bit to 1 configures the SSP as a slave. When configured as
a slave, enabling or disabling of the transmit signal is provided through the slave mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com