Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 239 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 239 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 235Page - STMicroelectronics RM0319 Datasheet HTML 236Page - STMicroelectronics RM0319 Datasheet HTML 237Page - STMicroelectronics RM0319 Datasheet HTML 238Page - STMicroelectronics RM0319 Datasheet HTML 239Page - STMicroelectronics RM0319 Datasheet HTML 240Page - STMicroelectronics RM0319 Datasheet HTML 241Page - STMicroelectronics RM0319 Datasheet HTML 242Page - STMicroelectronics RM0319 Datasheet HTML 243Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 368 page
background image
RM0319
Synchronous serial ports (SSP)
Doc ID 022640 Rev 3
239/368
18.4.3
Clock prescaler
When configured as a master, an internal prescaler, comprising two free-running re-
loadable serially linked counters, is used to provide the serial output clock SSPx_CLK (x is
either 0, 1 or 2).
You can program the clock prescaler, through the SSPCPSR register, to divide input clock
(PCLK, which is internal to the device) by a factor of 2 to 254 in steps of two. By not utilizing
the least significant bit of the SSPCPSR register, division by an odd number is not possible
and this ensures a symmetrical (equal mark space ratio) clock is generated.
The output of the prescaler is further divided by a factor of 1 to 256, through the
programming of the SSPCR0 control register, to give the final master output clock
SSPx_CLK.
18.4.4
Transmit FIFO
The common transmit FIFO is a 16-bit wide, 8-location deep, first-in, first-out memory buffer.
CPU data written across the AMBA APB interface are stored in the buffer until read out by
the transmit logic.
When configured as a master or a slave parallel data is written into the transmit FIFO prior
to serial conversion and transmission to the attached slave or master respectively, through
the SSPx_MOSI or SSPx_MISO pin (based on the master or slave mode of operation
respectively).
18.4.5
Receive FIFO
The common receive FIFO is a 16-bit wide, 8-location deep, first-in, first-out memory buffer.
Received data from the serial interface are stored in the buffer until read out by the CPU
across the AMBA APB interface.
When configured as a master or slave, serial data received through the SSPx_MISO or
SSPx_MOSI pin (based on the master or slave mode of operation respectively) is registered
prior to parallel loading into the attached slave or master receive FIFO respectively.
18.4.6
Transmit and receive logic
When configured as a master, the clock to the attached slaves is derived from a divided
down version of PCLK through the prescaler operations described previously. The master
transmit logic successively reads a value from its transmit FIFO and performs parallel to
serial conversion on it. Then the serial data stream and frame control signal, synchronized
to SSPx_CLK, are output through the SSPx_MOSI pin to the attached slaves. The master
receive logic performs serial to parallel conversion on the incoming synchronous
SSPx_MISO data stream, extracting and storing values into its receive FIFO, for subsequent
reading through the APB interface.
When configured as a slave, the SSPx_CLK clock is provided by an attached master and
used to time its transmission and reception sequences. The slave transmit logic, under
control of the master clock, successively reads a value from its transmit FIFO, performs
parallel to serial conversion, then output the serial data stream and frame control signal
through the slave SSPx_MISO pin. The slave receive logic performs serial to parallel
conversion on the incoming SSPx_MOSI data stream, extracting and storing values into its
receive FIFO, for subsequent reading through the APB interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com