Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 235 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 235 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 231Page - STMicroelectronics RM0319 Datasheet HTML 232Page - STMicroelectronics RM0319 Datasheet HTML 233Page - STMicroelectronics RM0319 Datasheet HTML 234Page - STMicroelectronics RM0319 Datasheet HTML 235Page - STMicroelectronics RM0319 Datasheet HTML 236Page - STMicroelectronics RM0319 Datasheet HTML 237Page - STMicroelectronics RM0319 Datasheet HTML 238Page - STMicroelectronics RM0319 Datasheet HTML 239Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 368 page
background image
RM0319
I2C bus ports (I2C)
Doc ID 022640 Rev 3
235/368
Table 67.
I2C controller interrupt sources
Name
Source
GEN_CALL
General call request received.
Indicates that a general call request was received (refer to Section 17.3.2:
I2C protocols on page 226). The I2C controller stores the received data in
the Receive buffer.
START_DET
START condition occurred.
Indicates that a START condition has occurred on the I2C interface (refer to
Section 17.3.2: I2C protocols on page 226).
STOP_DET
STOP condition occurred.
Indicates that a STOP condition has occurred on the I2C interface (refer to
Section 17.3.2: I2C protocols on page 226).
ACTIVITY
Capture system activity.
This bit captures I2C controller activity and it remains set until it is cleared,
regardless of the I2C controller going idle.
RX_DONE
Indicates transmission done.
This bit is set to 1‘b1 if the master does not acknowledge a transmitted
byte, while I2C controller is acting as a slave-transmitter. This occurs on the
last byte of the transmission, indicating that the transmission is done.
TX_ABRT
Indicates transmission abort.
This bit is set to ‘b1 when the I2C controller, acting as a master, is unable to
complete a command that the processor has sent. Several conditions could
cause this interrupt to be issued:
– no slave acknowledge after the address is sent,
– the address slave does not acknowledge a byte of data,
– arbitration is lost,
– attempting to send a master command when configured only to be slave,
– IC_RESTART_EN bit in the IC_CON register is set to ‘b0 (restart
condition disabled), and the processor attempts to issue an I2C function
that is impossible to perform without using restart conditions,
– high-speed master code is acknowledged,
– start byte is acknowledged,
– general call address is not acknowledged,
– when a read request interrupt occurs and the processor has previously
placed the data in transmit buffer that has not been transmitted yet. This
data could have been intended to service a multibyte RD_REQ that
ended up having fewer numbers of byte requested. Or, if
IC_RESTART_EN is disabled and the I2C loses control of the bus
between transfers and is then accessed as a slave-transmitter,
– if a read command is issued after a general call command has been
issued. Disabling the I2C reverts it back to normal operation,
– if the processor attempts to issue read command before a RD_REQ is
serviced.
Anytime this bit is set, the contents of both transmit and receive buffers are
flushed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com