Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 237 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 237 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 233Page - STMicroelectronics RM0319 Datasheet HTML 234Page - STMicroelectronics RM0319 Datasheet HTML 235Page - STMicroelectronics RM0319 Datasheet HTML 236Page - STMicroelectronics RM0319 Datasheet HTML 237Page - STMicroelectronics RM0319 Datasheet HTML 238Page - STMicroelectronics RM0319 Datasheet HTML 239Page - STMicroelectronics RM0319 Datasheet HTML 240Page - STMicroelectronics RM0319 Datasheet HTML 241Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 368 page
background image
RM0319
Synchronous serial ports (SSP)
Doc ID 022640 Rev 3
237/368
18
Synchronous serial ports (SSP)
This chapter focuses on SSP functionality and operation.
For technical details about the programmable registers related to the SSP, refer to the SSP
registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
18.1
Overview
The synchronous serial port (SSP) block includes a master or slave interface to enable
synchronous serial communication with slave or master peripherals.
18.2
Main features
●
Master or slave operation
●
Programmable clock bit rate and prescale
●
Separate transmit and receive first-in, first-out memory buffers, 16 bits wide, 8 locations
deep
●
Programmable choice of interface operation, SPI, Microwire, or TI synchronous serial
●
Programmable data frame size from 4 to 16 bits
●
Independent masking of transmit FIFO, receive FIFO, and receive overrun interrupts
●
Internal loopback test mode available
●
Support for direct memory access (DMA)
18.3
Pins
Table 68.
SSP pin description
SSP Port
SSP in master mode
SSP in slave mode
Function
Direction
Function
Direction
SSP0_MOSI
Transmit Data
Out
Receive Data
In
SSP0_MISO
Receive Data
In
Transmit Data
Out
SSP0_CLK
Clock
Out
Clock
In
SSP0_SS0
Slave select (chip-select)
Out
Slave select (chip-select)
In
SSP0_CS2
Slave select (chip-select)
Out
Not Used
-
SSP0_CS3
Slave select (chip-select)
Out
Not Used
-
SSP0_CS4
Slave select (chip-select)
Out
Not Used
-
SSP1_MOSI
Transmit Data
Out
Receive Data
In
SSP1_MISO
Receive Data
In
Transmit Data
Out
SSP1_CLK
Clock
Out
Clock
In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com