Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 236 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 236 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 232Page - STMicroelectronics RM0319 Datasheet HTML 233Page - STMicroelectronics RM0319 Datasheet HTML 234Page - STMicroelectronics RM0319 Datasheet HTML 235Page - STMicroelectronics RM0319 Datasheet HTML 236Page - STMicroelectronics RM0319 Datasheet HTML 237Page - STMicroelectronics RM0319 Datasheet HTML 238Page - STMicroelectronics RM0319 Datasheet HTML 239Page - STMicroelectronics RM0319 Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 368 page
background image
I2C bus ports (I2C)
RM0319
236/368
Doc ID 022640 Rev 3
RD_REQ
Read request.
This bit is set to ‘b1 when the I2C controller is acting as a slave and another
I2C master is attempting to read data from our module. The I2C controller
holds the I2C bus in waiting state (SCL tied to low) until this interrupt is
serviced. The processor must acknowledge this interrupt and then write
the request data to the IC_DATA_CMD register.
TX_EMPTY
Transmit buffer at threshold value.
This bit is set to ‘b1 when the transmit buffer is at or below the threshold
value set in the IC_TX_TL register. It is automatically cleared by hardware
when buffer level goes above the threshold.
TX_OVER
Transmit buffer filled to IC_TX_BUFFER_DEPTH.
This bit is set during transmit if the transmit buffer is filled to
IC_TX_BUFFER_DEPTH and the processor attempts to issue another I2C
command by writing to the IC_DATA_CMD register.
RX_FULL
Transmit buffer reach RX_TL threshold.
This bit is set when the transmit buffer reaches or goes above the threshold
set in the IC_RX_TL register. It is automatically cleared by hardware when
buffer level goes below the threshold.
RX_OVER
Receive buffer filled to IC_RX_BUFFER_DEPTH.
This bit is set when the receive buffer was completely filled to
IC_RX_BUFFER_DEPTH and more data arrived. The data is lost.
RX_UNDER
Receive buffer empty.
This bit is set when the processor attempts to read the receive buffer when
it is empty by reading from the IC_DATA_CMD register.
Table 67.
I2C controller interrupt sources (continued)
Name
Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com