Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 240 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 240 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 236Page - STMicroelectronics RM0319 Datasheet HTML 237Page - STMicroelectronics RM0319 Datasheet HTML 238Page - STMicroelectronics RM0319 Datasheet HTML 239Page - STMicroelectronics RM0319 Datasheet HTML 240Page - STMicroelectronics RM0319 Datasheet HTML 241Page - STMicroelectronics RM0319 Datasheet HTML 242Page - STMicroelectronics RM0319 Datasheet HTML 243Page - STMicroelectronics RM0319 Datasheet HTML 244Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 368 page
background image
Synchronous serial ports (SSP)
RM0319
240/368
Doc ID 022640 Rev 3
18.4.7
DMA interface
This block manages the DMA interface. It can work in single transfer mode or in burst
transfer mode.
Refer to the Chapter 36: DMA controller (DMAC) for more details on this interface.
18.4.8
Interrupt generation
The SSP generates four individual maskable, active HIGH interrupts.
A combined interrupt output is also generated as an OR function of the individual interrupt
requests.
You can use the single combined interrupt with a system interrupt controller that provides
another level of masking on a per-peripheral basis. This allows use of modular device
drivers that always know where to find the interrupt source control register bits.
The individual interrupt requests could also be used with a system interrupt controller that
provides masking for the outputs of each peripheral. In this way, a global interrupt controller
service routine would be able to read the entire set of sources from one wide register in the
system interrupt controller. This is attractive where the time to read from the peripheral
registers is significant compared to the CPU clock speed in a real-time system.
The peripheral supports both the above methods.
The transmit and receive dynamic data-flow interrupts are separated from the status
interrupts so that data can be read or written in response to the FIFO trigger levels.
See also: Section 18.6: Interrupts.
18.5
Operation
18.5.1
Configuring the SSP
After reset, the SSP logic is disabled and must be configured. The control registers
SSPCR0 and SSPCR1 need to be programmed to configure the peripheral as a master or
slave operating under one of the following protocols:
●
Motorola SPI
●
Texas Instruments SSI
●
National Semiconductor
The bit rate, derived from the APB clock (PCLK), requires the programming of the clock
prescale register SSPCPSR. (Refer to the miscellaneous registers description for the PCLK
frequency).
Chip select for SSP0 - only in master mode of operation
In the master mode of operation, SSP0 can select between four slaves connected externally.
This is achieved through a separate chip select (CS) generation logic using the basGPIO
module.
GPIODATA[7] and [6] are used to route the single CS generated by the SSP0 block to four
external pins.
The external CS is generated as per the following table:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com