Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 244 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 244 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 240Page - STMicroelectronics RM0319 Datasheet HTML 241Page - STMicroelectronics RM0319 Datasheet HTML 242Page - STMicroelectronics RM0319 Datasheet HTML 243Page - STMicroelectronics RM0319 Datasheet HTML 244Page - STMicroelectronics RM0319 Datasheet HTML 245Page - STMicroelectronics RM0319 Datasheet HTML 246Page - STMicroelectronics RM0319 Datasheet HTML 247Page - STMicroelectronics RM0319 Datasheet HTML 248Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 368 page
background image
Synchronous serial ports (SSP)
RM0319
244/368
Doc ID 022640 Rev 3
18.6
Interrupts
There are five interrupts generated by the SSP. Four of these are individual, maskable,
active HIGH interrupts:
●
SSP receive FIFO service interrupt request.
●
SSP transmit FIFO service interrupt request.
●
SSP receive overrun interrupt request
●
SSP time out interrupt request.
The fifth is a combined single interrupt.
You can mask each of the four individual maskable interrupts by setting the appropriate bits
in the SSPIMSC register. Setting the appropriate mask bit HIGH enables the interrupt.
Provision of the individual outputs as well as a combined interrupt output, allows use of
either a global interrupt service routine, or modular device drivers to handle interrupts.
The transmit and receive dynamic dataflow interrupts have been separated from the status
interrupts, so that data can be read or written in response to just the FIFO trigger levels.
The status of the individual interrupt sources can be read from SSPRIS and SSPMIS
registers.
18.6.1
Receive interrupt
This interrupt is asserted when there is four or more valid entries in the receive FIFO.
18.6.2
Transmit interrupt
This interrupt is asserted when there are four or less valid entries in the transmit FIFO. The
transmitter interrupt is not qualified with the SSP enable signal, which allows operation in
one of two ways. Data can be written to the transmit FIFO prior to enabling the SSP and the
interrupts. Alternatively, the SSP and interrupts can be enabled so that data can be written
to the transmit FIFO by an interrupt service routine.
18.6.3
Receive overrun interrupt
This interrupt is asserted when the FIFO is already full and an additional data frame is
received, causing an overrun of the FIFO. Data is over-written in the receive shift register,
but not the FIFO.
18.6.4
Receive timeout interrupt
This interrupt is asserted when the receive FIFO is not empty and the SSP has remained
idle for a fixed 32 bit period. This mechanism ensures that the user is aware that data is still
present in the receive FIFO and requires servicing. This interrupt is deasserted if the receive
FIFO becomes empty by subsequent reads, or if new data is received. It can also be cleared
by writing to the RTIC bit in the SSPICR register.
18.6.5
Combined interrupt
This interrupt is an OR function of the individual masked sources. You can connect this
output to the system interrupt controller to provide another level of masking on an individual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com