Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 243 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 243 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 239Page - STMicroelectronics RM0319 Datasheet HTML 240Page - STMicroelectronics RM0319 Datasheet HTML 241Page - STMicroelectronics RM0319 Datasheet HTML 242Page - STMicroelectronics RM0319 Datasheet HTML 243Page - STMicroelectronics RM0319 Datasheet HTML 244Page - STMicroelectronics RM0319 Datasheet HTML 245Page - STMicroelectronics RM0319 Datasheet HTML 246Page - STMicroelectronics RM0319 Datasheet HTML 247Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 368 page
background image
RM0319
Synchronous serial ports (SSP)
Doc ID 022640 Rev 3
243/368
transmit output disable bit (SOD). This can be used in some multislave environments where
masters might parallel broadcast.
To enable the operation of the SSP set the Synchronous Serial Port Enable (SSE) bit to 1.
Bit rate generation
Dividing down the PCLK derives the serial bit rate. The clock is first divided by an even
prescale value CPSDVSR from 2 to 254, which is programmed in SSPCPSR. The clock is
further divided by a value from 1 to 256, which is 1 + SCR, where SCR is the value
programmed in SSPCR0.
The frequency of the output signal bit clock SSPx_CLK is:
f
SSPxCLK
f
PCLK
CPSDVSR
1
SCR
+
()
⋅
---------------------------------------------------------------
=
For example, if PCLK is 3.6864 MHz, and CPSDVSR = 2, then SSPx_CLK has a frequency
range from 7.2 kHz to 1.8432 MHz.
18.5.5
Frame format
Each data frame is between 4 and 16 bits long depending on the size of data programmed,
and is transmitted starting with the MSB. There are three basic frame types that can be
selected:
●
Texas Instruments synchronous serial
●
Motorola SPI
●
National semiconductor microwire.
For all three formats, the serial clock (SSPx_CLK) is held inactive while the SSP is idle, and
transitions at the programmed frequency only during active transmission or reception of
data. The idle state of SSPx_CLK is utilized to provide a receive timeout indication that
occurs when the receive FIFO still contains data after a timeout period.
For Motorola SPI and National Semiconductor Microwire frame formats, the serial frame
(SSPx_SS) pin is active LOW, and is asserted (pulled down) during the entire transmission
of the frame.
For Texas Instruments synchronous serial frame format, the SSPx_SS pin is pulsed for one
serial clock period starting at its rising edge, prior to the transmission of each frame. For this
frame format, both the SSP and the off-chip slave device drive their output data on the rising
edge of SSPx_CLK, and latch data from the other device on the falling edge.
Unlike the full-duplex transmission of the other two frame formats, the National
Semiconductor Microwire format uses a special master-slave messaging technique, which
operates at half-duplex. In this mode, when a frame begins, an 8 bit control message is
transmitted to the off-chip slave. During this transmission no incoming data is received by
the SSP. After the message has been sent, the off-chip slave decodes it and, after waiting
one serial clock after the last bit of the 8 bit control message has been sent, responds with
the requested data. The returned data can be 4 to 16 bits in length, making the total frame
length anywhere from 13 to 25 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com