Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 248 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 248 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 244Page - STMicroelectronics RM0319 Datasheet HTML 245Page - STMicroelectronics RM0319 Datasheet HTML 246Page - STMicroelectronics RM0319 Datasheet HTML 247Page - STMicroelectronics RM0319 Datasheet HTML 248Page - STMicroelectronics RM0319 Datasheet HTML 249Page - STMicroelectronics RM0319 Datasheet HTML 250Page - STMicroelectronics RM0319 Datasheet HTML 251Page - STMicroelectronics RM0319 Datasheet HTML 252Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 368 page
background image
Fast infrared port (IRDA)
RM0319
248/368
Doc ID 022640 Rev 3
Besides, if the synchronization unit detects no activity of the RX signal for more than 10 ms
when in reception state, the FIrDA controller switches back to the listening state and resets
the bit RXS of the IrDA_STAT register. At last, a frame invalid interrupt (FI_INT, Section 19.4)
is generated. This behaviour allows to handle the case of a frame abort.
Note:
The used reception abort timer has to be programmed via the field RATV of the
configuration register IrDA_CONF.
19.3.2
Demodulation unit
The demodulation unit is active in the reception state only, and it is responsible for the
demodulation of the synchronized active high RX signal from the synchronization unit in
order to obtain the RX frame. The actual demodulation performed by this unit depends on
the infrared mode (SIR, MIR or FIR).
Note:
The POLRX bit in the IrDA_CONF register must be set according to the polarity of the RX
signal.
SIR and MIR (RZI demodulation)
In SIR mode, RZI (Return-to-Zero-Inverted) modulation is used. This means that for a "0" bit
in the TX (RX) frame a high pulse is generated and for a "1" bit in the TX (RX) frame no
pulse is generated.
For example, the byte to be transmitted is 0x6C, then 01101100 is shifted into the
Modulation Unit, LSB first.
MIR mode also uses RZI modulation, but the pulse length is 1/4 of a bit.
At first, the demodulation unit extends the pulse of the synchronized active high RX signal in
order to avoid jitter influences. Then the obtained signal is then sampled by the en_symb
signal (from the baud rate generation unit, Section 19.3.5: Baud rate generation unit on
page 250) to get the RX frame for wrapper unit.
The en_symb signal has a phase determined by the first rising edge of the incoming RX
signal and is checked (re-adjusted, if needed) every following rising edge.
FIR (4PPM demodulation)
In FIR mode, Four Pulse Position Modulation (4PPM) is used to modulate the TX frame.
Additionally a preamble PA, a start flag STA and a stop flag STO are added as shown in
Figure 88.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com