Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 252 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 252 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 248Page - STMicroelectronics RM0319 Datasheet HTML 249Page - STMicroelectronics RM0319 Datasheet HTML 250Page - STMicroelectronics RM0319 Datasheet HTML 251Page - STMicroelectronics RM0319 Datasheet HTML 252Page - STMicroelectronics RM0319 Datasheet HTML 253Page - STMicroelectronics RM0319 Datasheet HTML 254Page - STMicroelectronics RM0319 Datasheet HTML 255Page - STMicroelectronics RM0319 Datasheet HTML 256Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 368 page
background image
Fast infrared port (IRDA)
RM0319
252/368
Doc ID 022640 Rev 3
These signals can either be used as either interrupt requests (Section 19.4) or DMA
requests, and they are reset on the occurrence of the request clear signal (REQCLR) which
is either set by software via IrDA_ICR register or generated by a DMA controller,
respectively. The burst size is programmable by the field BS of IrDA_CONF register.
Transmission state
In order to start to transmit data, the software writes the frame size to the 12 bit field TFS of
transmission frame size register (IrDA_TFS). Then, the FIrDA controller changes to the
transmission state and the FIFO unit asserts burst requests (BREQ_INT) until the amount of
data to be transferred is equal or less than BS.
If the remaining data is equal to BS, a last burst request is issued using LBREQ_INT,
otherwise single requests are issued using SREQ_INT until the last data item is ready, when
LSREQ_INT is used.
Note:
The size of the frame to be transmitted is not necessarily a multiple of 4, so the last word
could be filled up with dummy bytes. The hardware transmits only the valid bytes of the last
word by means of the bit field TFS of IrDA_TFS register.
The data is buffered in an 8-stage 32 bit shift register before it is processed by the FIrDA
controller. If a FIFO underflow occurs before all bytes of a frame has been shifted into the
FIFO, a frame invalid interrupt (FI_INT, Section 19.3.6) is generated, the transmission is
aborted and all pending bytes in the peripheral are discarded.
The next frame to be transmitted can be copied into the buffer only when all bytes of the
current frame are completely transferred to the wrapper unit. The software can write the size
of the next frame into TFS immediately after the last word of the current frame has been
written to the IrDA_TXB register.
Reception state
The received bytes of the frame are shifted from the wrapper unit to the FIFO where the
data is buffered. The received bytes are counted by a 12 bit counter and that value can be
read by software in the received frame size register (IrDA_RFS). If this number is greater
than the maximum number of received bytes (MNRB field in the IrDA_PARA register) the
currently received frame becomes invalid, a buffer overflow occurs and a frame invalid
interrupt (FI_INT, Section 19.4) is generated.
The signal frame complete indicates that the whole data of the current received frame has
been moved to the buffer. The bytes of this frame have to be moved out of the buffer by
software before the next received frame will be shifted into the buffer, if not the next received
frame will be completely discarded.
The buffered data is moved out at full speed bus using DMA burst transfers: the FIFO unit
asserts burst requests (BREQ_INT) until the amount of data to be transferred is equal or
less than BS. If the remaining data is equal to BS, a last burst request is issued using
LBREQ_INT, otherwise single requests are issued using SREQ_INT until the last data item
is ready, when a LSREQ_INT is used.
Note:
1
The size of the frame to be received is not necessarily a multiple of 4, so the upper bytes of
the last word could be invalid. The SW has to check for invalid bytes of the last word by
means of the bit field RFS of the IrDA_RFS register.
2
Along with the IrLAP bytes, the CRC bytes are also transferred to the memory. The CRC
bytes can be double-checked by the software for the purpose of testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com