Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 250 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 250 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 246Page - STMicroelectronics RM0319 Datasheet HTML 247Page - STMicroelectronics RM0319 Datasheet HTML 248Page - STMicroelectronics RM0319 Datasheet HTML 249Page - STMicroelectronics RM0319 Datasheet HTML 250Page - STMicroelectronics RM0319 Datasheet HTML 251Page - STMicroelectronics RM0319 Datasheet HTML 252Page - STMicroelectronics RM0319 Datasheet HTML 253Page - STMicroelectronics RM0319 Datasheet HTML 254Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 368 page
background image
Fast infrared port (IRDA)
RM0319
250/368
Doc ID 022640 Rev 3
Transmission state
The wrapper unit builds the TX frame out of IrLAP frame which should be transmitted. The
TX frame is then sent (LSB first) to the modulation unit. The encoding mode depends on the
used infrared mode, which is determined by the 2-bit field MODE of the parameter register
IrDA_PARA.
19.3.4
Modulation unit
The modulation unit is active in the transmission state only, and it is responsible for the
modulation of the TX frames from the wrapper unit in order to generate the TX signal for the
off-chip IrDA transceiver. The actual modulation performed by this unit depends on the
infrared mode (SIR, MIR or FIR).
Note:
The POLTX bit in the IrDA_CONF register determines the polarity of the TX signal.
The TX signal is generated by means of the en_symb and en_pulse signals from the baud
rate generation unit (Section 19.3.5: Baud rate generation unit on page 250). If a frame is
completely transmitted, a frame transmitted interrupt (FT_INT, Section 19.4) is generated
and the FIrDA controller changes back to the listening state.
In case of FIR mode a 4PPM modulation is used. Additional preamble (PA), start flag (STA)
and stop flag (STO) are added. With a bit rate of 4 Mbps the resulting data symbol duration
is 500 ns and the chip duration is then 125 ns.
19.3.5
Baud rate generation unit
The baud rate generation unit creates the two enable signals which are used throughout the
FIrDA controller, namely:
●
en_symb, which determines the symbol rate at which the synchronized inverted RX
signal from synchronization unit (Section 19.3.1) is sampled by the demodulation unit
(Section 19.3.2) in the reception state of SIR and MIR modes.
●
en_pulse, which creates the pulses of the TX signal during transmission.
The two signals are obtained from the same irda_clk clock signal by using cascaded clock
dividers, so the resulting frequencies are:
fen_pulse = firda_clk · K/L
fen_symb = fen_pulse / (N+1),
where the values of K, L and N parameters are determined by software setting the 8-bit field
INC, the 11-bit field DEC, and the 8-bit field N, respectively, of the divider register IrDA_DV.
Note:
The fractional divider causes jitter with a maximum of 1/(2·firda_clk), that is 10.417 ns at SIR
and MIR (being firda_clk = 48 MHz), which meets the IrPHY specification.
In case of SIR, for each SIR symbol one bit is transmitted, then the bit rate and the symbol
rate are equal. It follows that the baud rate generation unit has to create the following symbol
rates: fen_symb = 9.6 kHz, 19.2 kHz, 38.4 kHz, 57.6 kHz and 115.2 kHz. Besides, since a
pulse duration of 1.736 µs is used in SIR transmission, the baud rate generation unit has to
create a pulse rate of fen_pulse = 576 kHz.
Like SIR, for each MIR symbol one bit is transmitted only, then the bit rate and the symbol
rate are equal. The baud rate generation unit has to create the following symbol rates,
fen_symb = 576 kHz and 1.152 MHz. Moreover, since a pulse duration of a quarter of the
symbol duration is used for MIR transmission, the baud rate generation unit has to create a
pulse rate of fen_pulse = 4* fen_symb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com