Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 234 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 234 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 230Page - STMicroelectronics RM0319 Datasheet HTML 231Page - STMicroelectronics RM0319 Datasheet HTML 232Page - STMicroelectronics RM0319 Datasheet HTML 233Page - STMicroelectronics RM0319 Datasheet HTML 234Page - STMicroelectronics RM0319 Datasheet HTML 235Page - STMicroelectronics RM0319 Datasheet HTML 236Page - STMicroelectronics RM0319 Datasheet HTML 237Page - STMicroelectronics RM0319 Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 368 page
background image
I2C bus ports (I2C)
RM0319
234/368
Doc ID 022640 Rev 3
17.5
Clocks
All masters generate their own clock to transfer messages, and data is valid only during the
high period of SCL clock.
Clock synchronization is performed using the wired-AND connection to the SCL signal.
When the master transitions the SCL clock to ‘b0, the master starts counting the low time of
the SCL clock and transitions the SCL clock signal to ‘b1 at the beginning of the next clock
period. However, if another master is holding the SCL line to ‘b0, then the master goes into
a high wait state until the SCL clock line transitions to ‘b1.
All masters then count off their high time, and the master with the shortest high time
transitions the SCL line to ‘b0. The masters counts out their low time and the one with the
longest low time forces the other master into a high wait state. Therefore, a synchronized
SCL clock is generated.
Note:
Optionally, slaves may hold the SCL line low to slow down the timing on the I2C bus.
Figure 85.
Clock synchronization
17.6
Interrupts
The following table lists the interrupt generated within the I2C controller. These interrupt
sources could be masked using the IC_INTR_MASK register.
Interrupts status (after masking) and raw interrupts status (before masking) are available
through IC_INTR_STAT and IC_RAW_INTR_STAT register, respectively.
CLKA
CLKB
SCL
Wait
State
Start counting HIGH
period
SCL LOW Transition Resets all CLKs
to start
counting their LOW periods
SCL Transitions HIGH
when all CLKs are in HIGH state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com