Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 231 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 231 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 227Page - STMicroelectronics RM0319 Datasheet HTML 228Page - STMicroelectronics RM0319 Datasheet HTML 229Page - STMicroelectronics RM0319 Datasheet HTML 230Page - STMicroelectronics RM0319 Datasheet HTML 231Page - STMicroelectronics RM0319 Datasheet HTML 232Page - STMicroelectronics RM0319 Datasheet HTML 233Page - STMicroelectronics RM0319 Datasheet HTML 234Page - STMicroelectronics RM0319 Datasheet HTML 235Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 368 page
background image
RM0319
I2C bus ports (I2C)
Doc ID 022640 Rev 3
231/368
Slave-transmitter operation
When another master addresses the I2C controller to requests data, the I2C controller acts
as a slave-transmitter, and the following steps occur:
●
The other master initiates an I2C transfer with an address that matches the slave
address in the IC_SAR register of the slave I2C controller (programmed during initial
configuration),
●
The I2C controller acknowledges the sent address and recognizes the direction of
transfer to indicate that it is acting as a slave-transmitter,
●
The I2C controller asserts the RD_REQ interrupt, (and relevant bit in
IC_RAW_INTR_STAT register is set) and holds the SCL line low, placing in a wait state
until software responds,
●
If there is any data remaining in the Transmit FIFO before receiving the read request,
then the I2C controller asserts a TX_ABRT interrupt, section, (and relevant bit in
IC_RAW_INTR_STAT register is set) to flush the old data from the Transmit FIFO,
●
Software then writes the IC_DATA_CMD register with the data to be written, setting to
1‘b0 the CMD bit (meaning a write operation),
●
Software should clear the RD_REQ and the TX_ABRT interrupts before proceeding,
●
The I2C controller releases the SCL and transmits the byte,
●
Finally, the master may hold the I2C bus by issuing a restart condition or release the
bus by issuing a stop condition.
Slave-receiver operation
When another master addresses the I2C controller to send its data, the I2C controller acts
as a slave-receiver and the following steps occur:
●
The other master initiates an I2C transfer with an address that matches the I2C
controller slave address in the IC_SAR register, programmed during initial
configuration,
●
The I2C controller acknowledges the sent address and recognizes the direction of
transfer to indicate that it is acting as a slave-receiver,
●
The I2C controller receives the transmitted byte from the master and place it in the
receive buffer, assuming there is room for this incoming data,
●
The status and interrupt bits corresponding to the receive buffer are updated,
●
Software may read the received byte from the IC_DATA_CMD register, setting to 1‘b1
the CMD bit (meaning a read operation),
●
Finally, the other master may hold the I2C bus by issuing a restart condition or release
the bus by issuing a stop condition.
Slave bulk transfer mode
In the standard I2C protocol, all transaction are single byte transactions and a remote
master read request is replied by writing one byte into the transmit FIFO.
In the mode named slave bulk transfer, if the remote master acknowledged the sent byte to
request more data, then the slave must hold the I2C SCL line low and request another byte
from the processor side. If it is known in advance that the remote master is requesting a
packet of n bytes, then when another master addresses the I2C controller and request data,
the Transmit FIFO could be written with 16 number of bytes and the remote master will
receive it as a continuous stream of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com