Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 228 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 228 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 224Page - STMicroelectronics RM0319 Datasheet HTML 225Page - STMicroelectronics RM0319 Datasheet HTML 226Page - STMicroelectronics RM0319 Datasheet HTML 227Page - STMicroelectronics RM0319 Datasheet HTML 228Page - STMicroelectronics RM0319 Datasheet HTML 229Page - STMicroelectronics RM0319 Datasheet HTML 230Page - STMicroelectronics RM0319 Datasheet HTML 231Page - STMicroelectronics RM0319 Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 368 page
background image
I2C bus ports (I2C)
RM0319
228/368
Doc ID 022640 Rev 3
Transmitting and receiving protocol
All data is transmitted in byte format, with no limits on the number of bytes transferred per
data transfer. After the master sends the slave address and the data direction bit, or the
master transmits a byte of data to the slave, the slave-receiver must respond with the
acknowledge signal after every byte of data is received. When a slave-receiver does not
respond with an acknowledge pulse, the master aborts the transfer by issuing a STOP
condition. The slave shall leave the SDA line high so the master can abort the transfer.
If the master is receiving data, then the master-receiver responds to the slave-transmitter
with an acknowledge pulse after a byte of data has been received, except for the last byte.
This is the way the master-receiver notifies the slave-transmitter that this is the last byte.
The slave-transmitter relinquishes the SDA line after detecting the no acknowledge so that
the master-receiver can issue a STOP condition.
When the master does not want to relinquish the bus with a STOP condition, the master can
issue a repeated start condition. This is identical to a START condition except it occurs after
the acknowledge pulse. The master can then communicate with the same slave or with a
different slave.
START byte transfer protocol
The START byte transfer protocol is set up for systems that do not have an on-board
dedicated I2C hardware module. In this case, the systems can not be interrupted only by
requests from the I2C bus, but they must constantly monitor the bus (software polling).
When the I2C controller is addressed as a slave, it always samples the I2C bus at the
highest speed supported, so that it never requires START byte transfer. However, when the
I2C controller is a master, it supports the generation of START byte transfer at the beginning
of every transfer in case a slave device requires it.
As depicted in Figure 83 below, the start procedure is as follows:
●
Master generates a start condition (as explained above).
●
Master transmits the start byte (constant 8’b0000 0001).
●
Master transmits an acknowledge clock pulse.
●
No slave sets the acknowledge signal to 1‘b0.
●
Master generates a repeated START (Sr) condition.
Figure 83.
START byte procedure [from I2C-bus specification]
The START byte protocol consists of seven zeros being transmitted followed by a ‘b1 (the
start byte). This allows the system processor that is polling the bus to under-sample the
address phase until ‘b0 (low level on SDA) is detected. Once the system processor detects
a low level on SDA, it switches to a higher sampling rate to find the Sr condition of the
master (which is the one used for synchronization).
Dummy
Acknowledge HIGH
9
12
7
8
SCL
Start byte 00000001
ACK
S
Sr
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com