Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 226 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 226 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 222Page - STMicroelectronics RM0319 Datasheet HTML 223Page - STMicroelectronics RM0319 Datasheet HTML 224Page - STMicroelectronics RM0319 Datasheet HTML 225Page - STMicroelectronics RM0319 Datasheet HTML 226Page - STMicroelectronics RM0319 Datasheet HTML 227Page - STMicroelectronics RM0319 Datasheet HTML 228Page - STMicroelectronics RM0319 Datasheet HTML 229Page - STMicroelectronics RM0319 Datasheet HTML 230Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 226 / 368 page
background image
I2C bus ports (I2C)
RM0319
226/368
Doc ID 022640 Rev 3
17.3
Functional description
Figure 81 shows the functional block diagram of the I2C controller.
Figure 81.
I2C controller functional block diagram
17.3.1
APB interface
The host processor accesses data, control and status information on the I2C controller
through the APB Slave Interface. The I2C controller has 16 bit APB data bus width.
17.3.2
I2C protocols
According to the I2C-bus specification, the I2C controller implements the following protocols:
●
START and STOP Condition Protocol,
●
Addressing Slave Protocol,
●
Transmitting and Receiving Protocol,
●
START Byte Transfer Protocol.
START and STOP condition protocol
When the bus is IDLE, both the SCL (serial clock) and SDA (serial data) signals are pulled
high through external pull-up resistors on the bus.
When the I2C master wants to start a transmission on the bus, it issues a START condition
which is defined as a high-to-low transition of the SDA signal while SCL is high (see
Figure 82).
When the I2C master wants to terminate the transmission, it issues a STOP condition which
is defined as a low-to-high transition of the SDA signal while SCL is high.
When data is being transmitted on the bus, the SDA line must be stable when SCL is high.
I2C Debug
APB Slave
Interface
I2C Master/
Slave
Interrupts
RX Filter
Clock
Generator
DMA
Interface
TX -FIFO
RX -FIFO
I2C Controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com