Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 223 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 223 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 219Page - STMicroelectronics RM0319 Datasheet HTML 220Page - STMicroelectronics RM0319 Datasheet HTML 221Page - STMicroelectronics RM0319 Datasheet HTML 222Page - STMicroelectronics RM0319 Datasheet HTML 223Page - STMicroelectronics RM0319 Datasheet HTML 224Page - STMicroelectronics RM0319 Datasheet HTML 225Page - STMicroelectronics RM0319 Datasheet HTML 226Page - STMicroelectronics RM0319 Datasheet HTML 227Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 368 page
background image
RM0319
Asynchronous serial ports (UART)
Doc ID 022640 Rev 3
223/368
16.5
Operation
16.5.1
UART hardware flow control
The hardware flow control feature is fully selectable, and enables you to control the serial
data flow by using the nUARTRTS output and nUARTCTS input signals. Figure 80 shows an
example of how two devices can communicate using hardware flow control.
Figure 80.
Hardware flow control between two similar devices
When the RTS flow control is enabled, the nUARTRTS signal is asserted until the receive
FIFO is filled up to the programmed watermark level. When the CTS flow control is enabled,
the transmitter can only transmit data when the nUARTCTS signal is asserted.
The hardware flow control is selectable through bits 14 (RTSEn) and 15 (CTSEn) of the
UART control register (UARTCR). Table 64 lists how bits must be set to enable RTS and
CTS flow control both simultaneously, and independently.
When RTS flow control is enabled, the software cannot control the nUARTRTS line through
bit 11 of the UART control register.
RTS flow control
The RTS flow control logic is linked to the programmable receive FIFO watermark levels.
When RTS flow control is enabled, the nUARTRTS is asserted until the receive FIFO is filled
up to the watermark level. When the receive FIFO watermark level is reached, the
nUARTRTS signal is deasserted, indicating that there is no more room to receive any more
data. The transmission of data is expected to cease after the current character has been
transmitted.
Table 64.
Control bits to enable and disable hardware flow control
UARTCR bit 15
(CTSEn)
UARTCR bit 14
(RTSEn)
Description
1
1
Both RTS and CTS flow control enabled
1
0
Only CTS flow control enabled
0
1
Only RTS flow control enabled
0
0
Both RTS and CTS flow control disabled
RX FIFO
RX FIFO
UARTRTS
UARTRTS
RX FIFO
and
flow control
RX FIFO
and
flow control
nUARTRTS
nUARTRTS
TX FIFO
and
flow control
TX FIFO
and
flow control
nUARTCTS
nUARTCTS
flow control
flow control
UART 1
UART 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com