Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 222 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 222 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 218Page - STMicroelectronics RM0319 Datasheet HTML 219Page - STMicroelectronics RM0319 Datasheet HTML 220Page - STMicroelectronics RM0319 Datasheet HTML 221Page - STMicroelectronics RM0319 Datasheet HTML 222Page - STMicroelectronics RM0319 Datasheet HTML 223Page - STMicroelectronics RM0319 Datasheet HTML 224Page - STMicroelectronics RM0319 Datasheet HTML 225Page - STMicroelectronics RM0319 Datasheet HTML 226Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 368 page
background image
Asynchronous serial ports (UART)
RM0319
222/368
Doc ID 022640 Rev 3
UARTRXINTR
This interrupt is asserted when one of the following events occurs:
●
If the FIFOs are enabled and the Receive FIFO reaches the programmed trigger level.
The interrupt is then cleared by reading data from the Receive FIFO until it becomes
less than the trigger level, or by clearing the interrupt.
●
If the FIFOs are disabled and data is received, thereby filling the location.
The interrupt is then cleared by performing a single read of the Receive FIFO, or by
clearing the interrupt (writing a 1‘b1 to the corresponding bit of the UARTICR register).
UARTTXINTR
This interrupt is asserted when one of the following events occurs:
●
If the FIFOs are enabled (FEN bit set to 1‘b1 in UARTLCR_H register) and the Transmit
FIFO reaches the programmed trigger level (TXIFLSEL in UARTIFLS register). The
interrupt is then cleared by writing data to the Transmit FIFO until it becomes greater
than the trigger level, or by clearing the interrupt (writing a 1‘b1 to the corresponding bit
of the UARTICR register);
●
If the FIFOs are disabled and there is no data in the transmitter single location. The
interrupt is then cleared by performing a single write to the Transmit FIFO, or by
clearing the interrupt (writing a 1‘b1 to the corresponding bit of the UARTICR register).
UARTRTINTR
This interrupt is asserted when the Receive FIFO is not empty, and no further data is
received over a 32-bit period. The interrupt is then cleared either when the Receive FIFO
becomes empty through reading all the data (or by reading the holding register), or by
clearing the interrupt (writing a 1‘b1 to the corresponding bit of the UARTICR register).
UARTMSINTR
This interrupt feature is available in UART0 only. It represents the modem status interrupt,
that is a combined interrupt of the four individual modem status lines (nUARTRI,
nUARTCTS, nUARTDCS and nUARTDSR). This interrupt is then asserted if any of the
modem status lines change.
UARTEINTR
This error interrupt is triggered when there is an error in the reception of the data. The
interrupt can be caused by a number of different error conditions, such as overrun, break,
parity and framing.
UARTINTR
It is the OR logical function of all the individual masked interrupt sources. That is, this
interrupt is asserted if any of the individual interrupts are asserted and enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com