Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 224 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 224 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 220Page - STMicroelectronics RM0319 Datasheet HTML 221Page - STMicroelectronics RM0319 Datasheet HTML 222Page - STMicroelectronics RM0319 Datasheet HTML 223Page - STMicroelectronics RM0319 Datasheet HTML 224Page - STMicroelectronics RM0319 Datasheet HTML 225Page - STMicroelectronics RM0319 Datasheet HTML 226Page - STMicroelectronics RM0319 Datasheet HTML 227Page - STMicroelectronics RM0319 Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 368 page
background image
Asynchronous serial ports (UART)
RM0319
224/368
Doc ID 022640 Rev 3
The nUARTRTS signal is reasserted when data has been read out of the receive FIFO so
that it is filled to less than the watermark level. If RTS flow control is disabled and the UART
is still enabled, then data is received until the receive FIFO is full, or no more data is
transmitted to it.
CTS flow control
If CTS flow control is enabled, the transmitter checks the nUARTCTS signal before
transmitting the next byte. If the nUARTCTS signal is asserted, the byte is transmitted,
otherwise transmission does not occur. Data continues to be transmitted while nUARTCTS
is asserted and the transmit FIFO is not empty. If the transmit FIFO is empty and the
nUARTCTS signal is asserted, no data is transmitted.
If the nUARTCTS signal is deasserted and CTS flow control is enabled, the current
character transmission is completed before stopping. If CTS flow control is disabled and the
UART is enabled, the data continues to be transmitted until the transmit FIFO is empty.
16.5.2
Modem operation
This section describes the modem operation for UART0 and UART1.
UART0 and UART1 (expanded automation and small printer modes) are allowed to support
both data terminal equipment (DTE) and data communication equipment (DCE) modes of
operation. Table 65 shows the meaning of DTE and DCE signals.
Table 65.
Meaning of UART0/1 modem input/output in DTE and DCE modes
Signal
Meaning
DTE
DCE
nUARTCTS
Clear to send
Request to send
nUARTDSR
Data set ready
Data terminal ready
nUARTDCD
Data carrier detect
-
nUARTRI
Ring indicator
-
nUARTRTS
Request to send
Clear to send
nUARTDTR
Data terminal ready
Data set ready
nUARTOUT1
-
Data carrier detect
nUARTOUT2
-
Ring indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com