Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 220 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 220 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 216Page - STMicroelectronics RM0319 Datasheet HTML 217Page - STMicroelectronics RM0319 Datasheet HTML 218Page - STMicroelectronics RM0319 Datasheet HTML 219Page - STMicroelectronics RM0319 Datasheet HTML 220Page - STMicroelectronics RM0319 Datasheet HTML 221Page - STMicroelectronics RM0319 Datasheet HTML 222Page - STMicroelectronics RM0319 Datasheet HTML 223Page - STMicroelectronics RM0319 Datasheet HTML 224Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 368 page
background image
Asynchronous serial ports (UART)
RM0319
220/368
Doc ID 022640 Rev 3
16.3.3
Baud Rate Generator
The Baud Rate Generator contains free-running counters that generate the internal x16
clocks, and Baud16 signal.
Baud16 provides timing information for UART transmit and receive control. It consists of a
stream of pulses with a width of one UARTCLK clock period and a frequency of 16 times the
baud rate.
16.3.4
Transmit FIFO
The transmit FIFO consists of an 8-bit wide, 16 location deep, and FIFO memory buffer.
CPU data written across the APB interface is stored in this FIFO until read out by the
Transmit LogicThe Receive FIFO block can be disabled to act like a one-byte holding
register.).
Note:
The Transmit FIFO block can be disabled to act like a one-byte holding register.
16.3.5
Receive FIFO
The receive FIFO consists of a 12-bit wide, 16 locations deep FIFO memory buffer.
Received data and corresponding error bits are stored in the Receive FIFO by the Receive
Logic until read out by the CPU across the APB interface. This block can be disabled to act
like a one-byte holding register.
Note:
The Receive FIFO block can be disabled to act like a one-byte holding register.
16.3.6
Transmit Logic
The transmit logic performs parallel-to-serial conversion on the data read from the Transmit
FIFO. The control logic outputs the serial bit stream beginning with a start bit followed by
data bits, with the LSB first and ended by parity bit and stop bit according to the
programmed configuration in control registers.
16.3.7
Receive logic
The receive logic performs serial-to-parallel conversion on the received serial bit stream
after a valid pulse has been detected. The Receive Logic also performs detection of
overrun, parity, frame error checking and line break, and their status accompanies the data
that is written to the Receive FIFO.
16.3.8
DMA interface
The UART provides a DMA Interface to connect to a DMA controller. The DMA operation of
the UART is controlled through the UART DMA control register.
The burst transfer and single transfer request signals are not mutually exclusive, so they can
both be asserted at the same time. When the UART is in the FIFO disabled mode (where
both FIFO’s act like a one-byte holding register), only the DMA single transfer mode can
operate, since only one character can be transferred to or from the FIFO at any time.
16.3.9
Synchronization registers and logic
Since the UART supports both asynchronous and synchronous operation of the clocks
PCLK and UARTCLK, Synchronization Registers and Handshaking Logic have been



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com