Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 216 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 216 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 212Page - STMicroelectronics RM0319 Datasheet HTML 213Page - STMicroelectronics RM0319 Datasheet HTML 214Page - STMicroelectronics RM0319 Datasheet HTML 215Page - STMicroelectronics RM0319 Datasheet HTML 216Page - STMicroelectronics RM0319 Datasheet HTML 217Page - STMicroelectronics RM0319 Datasheet HTML 218Page - STMicroelectronics RM0319 Datasheet HTML 219Page - STMicroelectronics RM0319 Datasheet HTML 220Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 368 page
background image
Controller area network ports (CAN)
RM0319
216/368
Doc ID 022640 Rev 3
In this example, the concatenated bit time parameters are (2-1)3&(7-1)4&(1-1)2&(1-1)6, the
Bit Timing register is programmed to= 0x1600.
Example for Bit Timing at low Baudrate
In this example, the frequency of CAN_CLK is 2 MHz, BRP is 1, the bit rate is 100 KBits/s.
In this example, the concatenated bit time parameters are (4-1)3&(5-1)4&(4-1)2&(2-1)6, the
Bit Timing register is programmed to= 0x34C1.
tSync-Seg
100
ns
=
1 * tq
bit time
1000
ns
=
tSync-Seg + tTSeg1 + tTSeg2
tolerance for CAN_CLK
0.39
%
=
=
tq
1
µs
=
2 * tCAN_CLK
delay of bus driver
200
ns
delay of receiver circuit
80
ns
delay of bus line (40m)
220
ns
tProp
1µs
=
1 * tq
tSJW
4µs
=
4 * tq
tTSeg1
5µs
=
tProp + tSJW
tTSeg2
4
µs
=
Information Processing Time + 3 * tq
tSync-Seg
1µs
=
1 * tq
bit time
10
µs
=
tSync-Seg + tTSeg1 + tTSeg2
tolerance for CAN_CLK
1.58
%
=
=
min PB1 PB2
,
()
2x 13xbittime
PB2
–
()
------------------------------------------------------------
0.1
μs
2x 13x1
μs0.2μs
–
()
------------------------------------------------------
min PB1 PB2
,
()
2x 13xbittime
PB2
–
()
------------------------------------------------------------
4
μs
2x 13x10
μs4μs
–
()
----------------------------------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com