Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 214 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 214 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 210Page - STMicroelectronics RM0319 Datasheet HTML 211Page - STMicroelectronics RM0319 Datasheet HTML 212Page - STMicroelectronics RM0319 Datasheet HTML 213Page - STMicroelectronics RM0319 Datasheet HTML 214Page - STMicroelectronics RM0319 Datasheet HTML 215Page - STMicroelectronics RM0319 Datasheet HTML 216Page - STMicroelectronics RM0319 Datasheet HTML 217Page - STMicroelectronics RM0319 Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 368 page
background image
Controller area network ports (CAN)
RM0319
214/368
Doc ID 022640 Rev 3
Figure 78.
Structure of the CAN Core protocol controller
The data in the bit timing registers are the configuration input of the CAN protocol controller.
The Baud Rate Prescaler (configured by BRP) defines the length of the time quantum, the
basic time unit of the bit time; the Bit Timing Logic (configured by TSEG1, TSEG2, and
SJW) defines the number of time quanta in the bit time.
The processing of the bit time, the calculation of the position of the Sample Point, and
occasional synchronisations are controlled by the BTL state machine, which is evaluated
once each time quantum. The rest of the CAN protocol controller, the Bit Stream Processor
(BSP) state machine is evaluated once each bit time, at the Sample Point.
The Shift register serializes the messages to be sent and parallelizes received messages.
Its loading and shifting is controlled by the BSP.
The BSP translates messages into frames and vice versa. It generates and discards the
enclosing fixed format bits, inserts and extracts stuff bits, calculates and checks the CRC
code, performs the error management, and decides which type of synchronisation is to be
used. It is evaluated at the Sample Point and processes the sampled bus input bit. The time
after the Sample point that is needed to calculate the next bit to be sent (e.g. data bit, CRC
bit, stuff bit, error flag, or idle) is called the Information Processing Time (IPT).
The IPT is application specific but may not be longer than 2 tq; the CAN IPT is 0 tq. Its
length is the lower limit of the programmed length of Phase_Seg2. In case of a
synchronisation, Phase_Seg2 may be shortened to a value less than IPT, which does not
affect bus timing.
Calculating the bit timing parameters
Usually, the calculation of the bit timing configuration starts with a desired bit rate or bit time.
The resulting bit time (1/bit rate) must be an integer multiple of the system clock period.
System_Clock
Baudrate
Prescaler
Bit
Timing
Logic
Bit
Stream
Processor
Shift-Register
Receive_Data
Transmit_Data
Control
Status
Received_Data_Bit
Send Message
Received_Message
Next_Data_Bit
Control
Configuration (BRP)
Scaled_Clock (Tq)
Sample_Point
Sampled_Bit
Sync_Mode
Bit_2_Send
Bus_Off
Configuration (TSEG1, TSEG2, SJW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com