Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 210 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 210 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 206Page - STMicroelectronics RM0319 Datasheet HTML 207Page - STMicroelectronics RM0319 Datasheet HTML 208Page - STMicroelectronics RM0319 Datasheet HTML 209Page - STMicroelectronics RM0319 Datasheet HTML 210Page - STMicroelectronics RM0319 Datasheet HTML 211Page - STMicroelectronics RM0319 Datasheet HTML 212Page - STMicroelectronics RM0319 Datasheet HTML 213Page - STMicroelectronics RM0319 Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 368 page
background image
Controller area network ports (CAN)
RM0319
210/368
Doc ID 022640 Rev 3
timing segments are shifted with regard to A. Node B sends an identifier with higher priority
and so it will win the arbitration at a specific identifier bit when it transmits a dominant bit
while node A transmits a recessive bit. The dominant bit transmitted by node B will arrive at
node A after the delay(B_to_A).
Due to oscillator tolerances, the actual position of node A’s sample point can be anywhere
inside the nominal range of node A’s phase buffer segments, so the bit transmitted by node
B must arrive at node A before the start of Phase_Seg1. This condition defines the length of
Prop_Seg.
If the edge from recessive to dominant transmitted by node B would arrive at node A after
the start of Phase_Seg1, it could happen that node A samples a recessive bit instead of a
dominant bit, resulting in a bit error and the destruction of the current frame by an error flag.
The error occurs only when two nodes arbitrate for the CAN bus that have oscillators of
opposite ends of the tolerance range and that are separated by a long bus line; this is an
example of a minor error in the bit timing configuration (Prop_Seg to short) that causes
sporadic bus errors.
Some CAN implementations provide an optional 3 Sample Mode The CAN does not. In this
mode, the CAN bus input signal passes a digital low-pass filter, using three samples and a
majority logic to determine the valid bit value. This results in an additional input delay of 1 tq,
requiring a longer Prop_Seg.
Phase buffer segments and synchronisation
The phase buffer segments (Phase_Seg1 and Phase_Seg2) and the synchronisation jump
width (SJW) are used to compensate for the oscillator tolerance. The phase buffer segments
may be lengthened or shortened by synchronisation.
Synchronisations occur on edges from recessive to dominant, their purpose is to control the
distance between edges and sample points.
Edges are detected by sampling the actual bus level in each time quantum and comparing it
with the bus level at the previous Sample Point. A synchronisation may be done only if a
recessive bit was sampled at the previous Sample Point and if the actual time quantum’s bus
level is dominant.
An edge is synchronous if it occurs inside of Sync_Seg, otherwise the distance between
edge and the end of Sync_Seg is the edge phase error, measured in time quanta. If the
edge occurs before Sync_Seg, the phase error is negative, else it is positive.
Two types of synchronisation exist: hard synchronisation and resynchronisation.
A hard synchronisation is done once at the start of a frame; inside a frame only
resynchronisations occur.
●
Hard synchronisation
After a hard synchronisation, the bit time is restarted with the end of Sync_Seg, regardless
of the edge phase error. Thus hard synchronisation forces the edge which has caused the
hard synchronisation to lie within the synchronisation segment of the restarted bit time.
●
Bit resynchronisation
Resynchronisation leads to a shortening or lengthening of the bit time such that the position
of the sample point is shifted with regard to the edge.
When the phase error of the edge which causes resynchronisation is positive, Phase_Seg1
is lengthened. If the magnitude of the phase error is less than SJW, Phase_Seg1 is
lengthened by the magnitude of the phase error, else it is lengthened by SJW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com