Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 211 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 211 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 207Page - STMicroelectronics RM0319 Datasheet HTML 208Page - STMicroelectronics RM0319 Datasheet HTML 209Page - STMicroelectronics RM0319 Datasheet HTML 210Page - STMicroelectronics RM0319 Datasheet HTML 211Page - STMicroelectronics RM0319 Datasheet HTML 212Page - STMicroelectronics RM0319 Datasheet HTML 213Page - STMicroelectronics RM0319 Datasheet HTML 214Page - STMicroelectronics RM0319 Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 368 page
background image
RM0319
Controller area network ports (CAN)
Doc ID 022640 Rev 3
211/368
When the phase error of the edge which causes resynchronisation is negative, Phase_Seg2
is shortened. If the magnitude of the phase error is less than SJW, Phase_Seg2 is
shortened by the magnitude of the phase error, else it is shortened by SJW.
When the magnitude of the phase error of the edge is less than or equal to the programmed
value of SJW, the results of hard synchronisation and resynchronisation are the same. If the
magnitude of the phase error is larger than SJW, the resynchronisation cannot compensate
the phase error completely, an error of (phase error - SJW) remains.
Only one synchronisation may be done between two sample points. the synchronisations
maintain a minimum distance between edges and sample points, giving the bus level time to
stabilize and filtering out spikes that are shorter than (Prop_Seg + Phase_Seg1).
Apart from noise spikes, most synchronisations are caused by arbitration. All nodes
synchronise “hard” on the edge transmitted by the “leading” transceiver that started
transmitting first, but due to propagation delay times, they cannot become ideally
synchronised. The “leading” transmitter does not necessarily win the arbitration, therefore
the receivers have to synchronise themselves to different transmitters that subsequently
“take the lead” and that are differently synchronised to the previously “leading” transmitter.
The same happens at the acknowledge field, where the transmitter and some of the
receivers will have to synchronise to the receiver that “takes the lead” in the transmission of
the dominant acknowledge bit.
Synchronisations after the end of the arbitration will be caused by oscillator tolerance, when
the differences in the oscillator’s clock periods of transmitter and receivers sum up during
the time between synchronisations (at most ten bits). These summarized differences may
not be longer than the SJW, limiting the oscillator’s tolerance range.
The examples in Figure 76 show how the phase buffer segments are used to compensate
for phase errors. There are three drawings of each two consecutive bit timings. The upper
drawing shows the synchronisation on a “late” edge, the lower drawing shows the
synchronisation on an “early” edge, and the middle drawing is the reference without
synchronisation.
Figure 76.
Synchronisation on “late” and “early” Edges
In the first example, an edge from recessive to dominant occurs at the end of Prop_Seg.
The edge is “late” since it occurs after the Sync_Seg. Reacting to the “late” edge,
Phase_Seg1 is lengthened so that the distance from the edge to the sample point is the
Rx-Input
Rx-Input
“Late” edge
“Early” edge
Recessive
dominant
Recessive
dominant
Sample Point
Sample Point
Sample Point
Sample Point
Sample Point
Sample Point
Phase_Seg2
Sync_Seg
Prop_Seg
Phase_Seg1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com