Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 212 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 212 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 208Page - STMicroelectronics RM0319 Datasheet HTML 209Page - STMicroelectronics RM0319 Datasheet HTML 210Page - STMicroelectronics RM0319 Datasheet HTML 211Page - STMicroelectronics RM0319 Datasheet HTML 212Page - STMicroelectronics RM0319 Datasheet HTML 213Page - STMicroelectronics RM0319 Datasheet HTML 214Page - STMicroelectronics RM0319 Datasheet HTML 215Page - STMicroelectronics RM0319 Datasheet HTML 216Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 368 page
background image
Controller area network ports (CAN)
RM0319
212/368
Doc ID 022640 Rev 3
same as it would have been from the Sync_Seg to the sample point if no edge had
occurred. The phase error of this “late” edge is less than SJW, so it is fully compensated and
the edge from dominant to recessive at the end of the bit, which is one nominal bit time long,
occurs in the Sync_Seg.
In the second example, an edge from recessive to dominant occurs during Phase_Seg2.
The edge is “early” since it occurs before a Sync_Seg. Reacting to the “early” edge,
Phase_Seg2 is shortened and Sync_Seg is omitted, so that the distance from the edge to
the Sample Point is the same as it would have been from an Sync_Seg to the Sample Point
if no edge had occurred. As in the previous example, the magnitude of this “early” edge
phase error is less than SJW, so it is fully compensated.
The phase buffer segments are lengthened or shortened temporarily only; at the next bit
time, the segments return to their nominal programmed values.
In these examples, the bit timing is seen from the point of view of the CAN implementation’s
state machine, where the bit time starts and ends at the sample points. The state machine
omits Sync_Seg when synchronising on an “early” edge because it cannot subsequently
redefine that time quantum of Phase_Seg2 where the edge occurs to be the Sync_Seg.
The examples in Figure 77 show how short dominant noise spikes are filtered by
synchronisations. In both examples, the spike starts at the end of Prop_Seg and has the
length of (Prop_Seg + Phase_Seg1).
In the first example, the synchronisation jump width is greater than or equal to the phase
error of the spike edge from recessive to dominant. Therefore, the sample point is shifted
after the end of the spike; a recessive bus level is sampled.
In the second example, SJW is shorter than the phase error, so the sample point cannot be
shifted far enough; the dominant spike is sampled as actual bus level.
Figure 77.
Filtering of short dominant spikes
Rx-Input
Spike
Recessive
dominant
Sample Point
Sample Point
Phase_Seg2
Sync_Seg
Prop_Seg
Phase_Seg1
Sample Point
Sample Point
Rx-Input
Spike
Recessive
dominant
SJW > Phase Error
SJW < Phase Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com