Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 257 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 257 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 253Page - STMicroelectronics RM0319 Datasheet HTML 254Page - STMicroelectronics RM0319 Datasheet HTML 255Page - STMicroelectronics RM0319 Datasheet HTML 256Page - STMicroelectronics RM0319 Datasheet HTML 257Page - STMicroelectronics RM0319 Datasheet HTML 258Page - STMicroelectronics RM0319 Datasheet HTML 259Page - STMicroelectronics RM0319 Datasheet HTML 260Page - STMicroelectronics RM0319 Datasheet HTML 261Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 368 page
background image
RM0319
Analog-to-digital converter (ADC)
Doc ID 022640 Rev 3
257/368
21
Analog-to-digital converter (ADC)
This chapter focuses on ADC functionality and operation.
For technical details about the programmable registers related to the ADC, refer to the ADC
registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
21.1
Overview
SPEAr320S includes an analog-to-digital converter (ADC), which is connected to the APB
bus.
21.2
Main features
●
Successive approximation conversion method
●
10 bit resolution
●
1 MSPS
●
8 analog input (AIN) channels, ranging from 0 to 2.5V
●
For each input, the number of samples to be collected for average calculation can be 1
(no average) or up to 128 as in steps of powers of 2 (2, 4, 8...).
●
INL ± 1 LSB, DNL ± 1 LSB
●
Programmable conversion speed, from a minimum conversion time of 1 µs
●
Normal or enhanced mode. In normal mode the conversion starts upon CPU request,
while in enhanced mode the ADC converts continuously the selected channels
inserting a selectable amount of time between two conversions.
●
DC internal reference voltage is 1.95 (Min), 2.0 (Typ), 2.05 (Max)
Note:
Positive and negative reference voltages can be supplied by dedicated pins to select
different range (Default 0 - 2.5V).
21.3
Functional description
Figure 91 shows the functional block diagram of the ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com