Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 260 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 260 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 256Page - STMicroelectronics RM0319 Datasheet HTML 257Page - STMicroelectronics RM0319 Datasheet HTML 258Page - STMicroelectronics RM0319 Datasheet HTML 259Page - STMicroelectronics RM0319 Datasheet HTML 260Page - STMicroelectronics RM0319 Datasheet HTML 261Page - STMicroelectronics RM0319 Datasheet HTML 262Page - STMicroelectronics RM0319 Datasheet HTML 263Page - STMicroelectronics RM0319 Datasheet HTML 264Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 368 page
background image
Analog-to-digital converter (ADC)
RM0319
260/368
Doc ID 022640 Rev 3
By reading the sum of the conversion results, software can use decimation or interpolation
averaging methods to obtain higher resolution (> 10-bits).
By oversampling 4 times, the resolution can be increased by 1 bit, by oversampling 16 times
resolution can be increased by 2 bits and so on. Instead of dividing the sum of the converted
results by NSAMPLES as in normal averaging, the sum of the samples read from the
AVERAGE register should be right shifted n bits, where n is the desired number of bits of
resolution.
In enhanced mode (ENM=1) and if High resolution mode is enabled
(HIGHRESOLUTION=1), the number of samples can be defined individually for each
channel in the CHx_CTRL registers and the sum of the converted results can be read from
the CHx_DATA registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com