Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 270 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 270 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 266Page - STMicroelectronics RM0319 Datasheet HTML 267Page - STMicroelectronics RM0319 Datasheet HTML 268Page - STMicroelectronics RM0319 Datasheet HTML 269Page - STMicroelectronics RM0319 Datasheet HTML 270Page - STMicroelectronics RM0319 Datasheet HTML 271Page - STMicroelectronics RM0319 Datasheet HTML 272Page - STMicroelectronics RM0319 Datasheet HTML 273Page - STMicroelectronics RM0319 Datasheet HTML 274Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 368 page
background image
LCD display controller (CLCD)
RM0319
270/368
Doc ID 022640 Rev 3
●
STN 4- or 8-bit interface mode
●
STN dual or single panel mode
●
Little-endian, big-endian, or WinCE mode
●
Interrupt generation event
LCD Panel resolutions programmed to values:
●
320x200, 320x240
●
640x200, 640x240, 640x480
●
800x600
●
1024x768
Types of LCD panel supported:
●
Active matrix TFT panels with up to 24 bit bus interface
●
Single-panel monochrome STN panels (4 bit and 8 bit bus interface)
●
Dual-panel monochrome STN panels (4 bit and 8 bit bus interface per panel)
●
Single-panel color STN panels, 8 bit bus interface
●
Dual-panel color STN panels, 8 bit bus interface per panel
Number of colors supported for TFT panels:
●
1 bpp, palettized, 2 colors selected from available colors.
●
2 bpp, palettized, 4 colors selected from available colors.
●
4 bpp, palettized, 16 colors selected from available colors.
●
8 bpp, palettized, 256 colors selected from available colors
●
16 bpp, direct 5:5:5 RGB, with one bpp not normally being used. This pixel is still
output, and can be used as a bright bit to connect to the least significant bit (LSB) of R,
G and B components of a 6:6:6 TFT panel.
●
24 bpp, direct 8:8:8 RGB, providing over 16 million colors.
●
Each 16-bit palette entry is composed of five bpp (RGB) plus a common intensity bit.
This gives better memory utilization and performance compared to a full six bpp
structure. The total amount of colors supported can be doubled from 32 K to 64 K if the
intensity bit is used and applied to all three color components simultaneously. Refer to
Section 24.3 for more information on signals.
Number of colors supported for color STN panels are:
●
1 bpp, palettized, 2 colors selected from 3375
●
2 bpp, palettized, 4 colors selected from 3375
●
4 bpp, palettized, 16 colors selected from 3375
●
8 bpp, palettized, 256 colors selected from 3375
●
16 bpp, direct 4:4:4 RGB, with 4 bpp not being used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com