Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 282 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 282 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 278Page - STMicroelectronics RM0319 Datasheet HTML 279Page - STMicroelectronics RM0319 Datasheet HTML 280Page - STMicroelectronics RM0319 Datasheet HTML 281Page - STMicroelectronics RM0319 Datasheet HTML 282Page - STMicroelectronics RM0319 Datasheet HTML 283Page - STMicroelectronics RM0319 Datasheet HTML 284Page - STMicroelectronics RM0319 Datasheet HTML 285Page - STMicroelectronics RM0319 Datasheet HTML 286Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 368 page
background image
LCD display controller (CLCD)
RM0319
282/368
Doc ID 022640 Rev 3
24.6.1
CLCDMBEINTR
The master bus error interrupt is asserted when an ERROR response is received by the
master interface during a transaction with a slave. When such an error is encountered, the
master interface enters an error state and remains in this state until clearance of the error
has been signalled to it. On completion of the respective interrupt service routine, the
master bus error interrupt can be cleared by writing a logic ‘1’ to the MBERROR bit within
the LCDICR Register. This action releases the master interface from its ERROR state to the
start of FRAME state, enabling a fresh frame of data display to be initiated.
24.6.2
LCDVCOMPINTR
The vertical compare interrupt is asserted when one of four vertical display regions,
selected using the Control Register, is reached. The interrupt can occur at the start of:
●
vertical synchronization
●
back porch
●
active video
●
front porch
It is possible to clear the interrupt by writing a logic ‘1’ to the VComp bit in the LCDICR
Register.
24.6.3
CLCDLNBUINTR
The LCD next base address update interrupt is asserted when either the LCDUPBASE or
the LCDLPBASE values are transferred to the LCDUPCURR or LCDLPCURR incrementors
respectively. This signals to the system that it is safe to update the LCDUPBASE or the
LCDLPBASE Registers with new frame base addresses if required.
It is possible to clear the interrupt by writing a logic ‘1’ to the LNBU bit in the LCDICR
register.
24.6.4
CLCDFUFINTR
The FIFO underflow interrupt is asserted when internal data is requested from an empty
DMA FIFO. Internally, individual upper and lower panel DMA FIFO underflow interrupt
signals are generated and CLCDFUFINTR is the single combined version of these ones.
It is possible to clear the interrupt by writing a logic ‘1’ to the FUF bit in the LCDICR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com