Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 285 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 285 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 281Page - STMicroelectronics RM0319 Datasheet HTML 282Page - STMicroelectronics RM0319 Datasheet HTML 283Page - STMicroelectronics RM0319 Datasheet HTML 284Page - STMicroelectronics RM0319 Datasheet HTML 285Page - STMicroelectronics RM0319 Datasheet HTML 286Page - STMicroelectronics RM0319 Datasheet HTML 287Page - STMicroelectronics RM0319 Datasheet HTML 288Page - STMicroelectronics RM0319 Datasheet HTML 289Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 285 / 368 page
background image
RM0319
Touchscreen interface (TOUCHSCREEN)
Doc ID 022640 Rev 3
285/368
25
Touchscreen interface (TOUCHSCREEN)
This chapter describes the features and provides programming information on touchscreen
the block.
For technical details about the programmable registers related to the touchscreen, refer to
the RAS configuration (RASCFG) registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
25.1
Overview
The touchscreen IP provides a toggling signal (TOUCHSCREEN_X) connected to the
touchscreen panel present outside SPEAr.
Figure 99.
Top level diagram
During the end of high period (of TOUCHSCREEN_X signal), software can read one
coordinate and at the end of low period, the other coordinate can be read directly from the
ADC.
Figure 100. Waveform
25.2
Programming examples
The registers used for the operation of the touchscreen IP are:
●
Touchscreen_duration, which stores the value (duration) for which TOUCHSCREEN_X
should remain high or should remain low. The value present in this register should be
expressed in HCLK cycles.
●
control_reg (Control register). To start the toggling of TOUCHSCREEN_X signal, bit7
should be set to '1'.
To enable the toggling operation:
Touchscreen
Panel
Touchscreen IP
OUT_X
Touchscreen
Panel
Touchscreen IP
TOUCHSCREEN_X
duration
duration
TOUCHSCREEN_X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com