Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 287 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 287 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 283Page - STMicroelectronics RM0319 Datasheet HTML 284Page - STMicroelectronics RM0319 Datasheet HTML 285Page - STMicroelectronics RM0319 Datasheet HTML 286Page - STMicroelectronics RM0319 Datasheet HTML 287Page - STMicroelectronics RM0319 Datasheet HTML 288Page - STMicroelectronics RM0319 Datasheet HTML 289Page - STMicroelectronics RM0319 Datasheet HTML 290Page - STMicroelectronics RM0319 Datasheet HTML 291Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 368 page
background image
RM0319
JPEG codec accelerator (JPGC)
Doc ID 022640 Rev 3
287/368
26
JPEG codec accelerator (JPGC)
This chapter focuses on JPEG functionality and operation.
For technical details about the programmable registers related to the JPEG, refer to the
JPEG registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
26.1
Overview
The JPEG Codec present in SPEAr320S is built around the existing JPEG ECS CODEC
and extends its functionality by providing additional support for JPEG header parsing and
generation. The encoding process compresses 8x8 pixel blocks (data units) into either a
complete JPEG encoded output stream or only ECS data depending on whether the header
processing functionality of the core is enabled. The decoding process can either decode a
complete JPEG encoded data stream or an input data stream with only ECSs. In either
case, the core decodes the ECS data into valid 8 x 8 pixel blocks (data units).
26.2
Main features
●
Compliance with the baseline JPEG standard (ISO/IEC 10918-1)
●
Single-clock per pixel encoding/decoding
●
Support for up to four channels of component color
●
8 bit/channel pixel depths
●
Programmable quantization tables (up to four)
●
Programmable Huffman tables (two AC and two DC)
●
Programmable Minimum Coded Unit (MCU)
●
Configurable JPEG headers processing
●
Support for restart marker insertion
●
Use of two DMA channels (from the basic subsystem) and of two 8 x 32-bit FIFO’s
(local to the JPGC) for efficient transferring and buffering of encoded/decoded data
from/to the Codec Core.
26.3
Pins
The JPGC directly interfaces with the signals summarized in Table 86. The JPGC is
connected as a slave on the AHB bus, and has two DMA channels asserted to itself. A
functional diagram of these signal interfaces is given in Figure 101.
Table 86.
GPIO signal interface
Group
Signal name
Direction
Size
(bit)
Description
AHB Slave
-
Input/Output -
See AMBA specification.
DMAC
-
Input/Output -
See Chapter 36: DMA controller (DMAC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com