Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 291 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 291 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 287Page - STMicroelectronics RM0319 Datasheet HTML 288Page - STMicroelectronics RM0319 Datasheet HTML 289Page - STMicroelectronics RM0319 Datasheet HTML 290Page - STMicroelectronics RM0319 Datasheet HTML 291Page - STMicroelectronics RM0319 Datasheet HTML 292Page - STMicroelectronics RM0319 Datasheet HTML 293Page - STMicroelectronics RM0319 Datasheet HTML 294Page - STMicroelectronics RM0319 Datasheet HTML 295Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 368 page
background image
RM0319
Digital audio port (I2S)
Doc ID 022640 Rev 3
291/368
27
Digital audio port (I2S)
This chapter focuses on I2S functionality and operation.
For technical details about the programmable registers related to the I2S, refer to the I2S
registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
27.1
Overview
Highly configurable, the I2S controller is for use in audio applications, providing a simple
interface to standard audio components.
27.2
Main features
●
Compliant to Philips I2S serial bus specifications
●
I2S Master for input/output operations
●
Supports 2.0 (Stereo) Audio Tx/Rx
●
Supports 12/16/20/24/32 bit audio data interface
●
Supports standard sampling rates (8, 16, 32, 44.1, 48, 96, 192 kHz). The input clock to
the PLL is 24 MHz, so the rate precision depends on the chosen rate and divider.
●
Programmable FIFO thresholds
●
Supports data exchange to the system memory through DMA interface
27.3
External pins
Table 87.
I2S signals
Signal name
Description
I/O
audio_over_samp_clk
Reference clock (Tx)
O
I2S_CLK
Serial interface clock (Tx)
O
I2S_LR
Word select line (Tx; active high)
O
I2S_RX
Serial data input for receive channel
I
I2S_TX
Serial data output for transmit channel
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com