Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 295 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 295 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 291Page - STMicroelectronics RM0319 Datasheet HTML 292Page - STMicroelectronics RM0319 Datasheet HTML 293Page - STMicroelectronics RM0319 Datasheet HTML 294Page - STMicroelectronics RM0319 Datasheet HTML 295Page - STMicroelectronics RM0319 Datasheet HTML 296Page - STMicroelectronics RM0319 Datasheet HTML 297Page - STMicroelectronics RM0319 Datasheet HTML 298Page - STMicroelectronics RM0319 Datasheet HTML 299Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 368 page
background image
RM0319
Digital audio port (I2S)
Doc ID 022640 Rev 3
295/368
27.7.3
Programming FIFO thresholds
The I2S controller has programmable thresholds for the transmit and the receive FIFOs.
Changing the thresholds changes the frequency of the interrupts received. To reprogram
levels during operation, write to:
●
The transmit channel empty trigger (TXCHET) bits of the transmit FIFO configuration
register (TFCR0[3:0])
●
The receive channel data trigger (RXCHDT) bits of the receive FIFO configuration
register (RFCR0[3:0])
27.7.4
Exchanging data with system memory
System DMAC can also be used to transfer data to and from the I2S IP; DMA request and
clear lines perform the handshake with DMAC.
The internal interrupt mechanism implements DMAC handshaking.
●
Tx: interrupt intr_emp_tx is generated upon reaching the threshold value. This interrupt
also results in the generation of a DMA request to DMAC.
●
Rx: a DMA request is generated at the assertion of interrupt intr_da_rx.
The DMAC clears the request lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com