Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 293 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 293 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 289Page - STMicroelectronics RM0319 Datasheet HTML 290Page - STMicroelectronics RM0319 Datasheet HTML 291Page - STMicroelectronics RM0319 Datasheet HTML 292Page - STMicroelectronics RM0319 Datasheet HTML 293Page - STMicroelectronics RM0319 Datasheet HTML 294Page - STMicroelectronics RM0319 Datasheet HTML 295Page - STMicroelectronics RM0319 Datasheet HTML 296Page - STMicroelectronics RM0319 Datasheet HTML 297Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 368 page
background image
RM0319
Digital audio port (I2S)
Doc ID 022640 Rev 3
293/368
27.4.3
Audio data interface
The default value of audio data for the TX/RX Channel is 32 bits. It can be reprogrammed
during operation to any supported audio data resolution that is less than 32 bits.
Valid values: 12, 16, 20, 24, or 32 bits.
Changes to the resolution are programmed my means of the word length (WLEN) bits of the
transmitter/receive configuration registers (TCR0[2:0]/RCR0[2:0]. The channel must be
disabled prior to any resolution changes.
27.4.4
External I2S_CLK gating and enable signal
When the audio data resolution of the receive and transmit channels is less than the current
word select size, the I2S_CLK can be gated off for the remainder of the left/right cycle. This
can be programmed during operation of the component by setting the I2S_CLK Gating
(SCLKG) bits [2:0] in the Clock Configuration Register (CCR).
The clock generation block must be disabled prior to any changes to I2S_CLK gating value.
27.5
Clocks
Figure 104. I2S clocks
PLL2
RAS_CLK_SYNT3
Clksel
(from configuration
registers)
DIV4
sclk
I2S
audio_over_samp_clk
I2S_CLK
I2S_LR
I2S_TX
I2S_RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com