Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 289 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 289 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 285Page - STMicroelectronics RM0319 Datasheet HTML 286Page - STMicroelectronics RM0319 Datasheet HTML 287Page - STMicroelectronics RM0319 Datasheet HTML 288Page - STMicroelectronics RM0319 Datasheet HTML 289Page - STMicroelectronics RM0319 Datasheet HTML 290Page - STMicroelectronics RM0319 Datasheet HTML 291Page - STMicroelectronics RM0319 Datasheet HTML 292Page - STMicroelectronics RM0319 Datasheet HTML 293Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 368 page
background image
RM0319
JPEG codec accelerator (JPGC)
Doc ID 022640 Rev 3
289/368
The main building blocks of the JPGC are five:
●
The Codec Core
●
The Codec Controller
●
The DMA controller (DMAC)
●
The FIFO buffers (FIFO in and FIFO out)
●
The internal memories
26.4.1
Codec core
The Codec core implements all the steps necessary to encode and decode image data
according to the JPEG baseline algorithm as specified in ISO/IEC 10918-1. It is specifically
designed to accelerate entropy-coded segment (ECS) encoding and decoding, because this
forms the most computing-intensive part of the baseline JPEG algorithm.
The Codec Core can enable/disable header processing. If disabled, only the ECS data is
generated/decoded. Support for restart markers is also provided: the Codec core
recognizes them in the encoded stream when decoding, and can optionally insert them
when encoding.
JPEG encoded data streams decoded by the Codec core must be compliant with the
interchange format syntax specified in the ISO/IEC 10918-1. Also JFIF images, the de facto
standard used to encoded JPEG images, is supported.
Before any coding process can start, the Codec core, together with the dmac and the
internal memories, must be programmed by writing to the corresponding registers.
The Codec Core receives from the FIFO in buffer its input data, which can be either a
sequence of Minimum Coded Units (MCU) (if the JPGC is used as an encoder from YUV
MCUs to JPEG) or a stream of Entropy Coded Segments (ECS) (if the JPGC is used as a
decoder from JPEG to YUV MCUs). Conversely, output data from the codec core are sent to
the FIFO Out buffer as an ECS stream (resp. MCU sequence), whenever the JPGC is
working as an encoder (resp. decoder).
26.4.2
Codec controller
The codec controller manages the data flow between the codec core and the FIFO buffers
between the FIFO buffers and the external RAM. In order to accomplish the latter task, it
uses the DMAC to perform fast data transfers.
Due to area optimization of the JPGC block, encoding and decoding operations performed
by the Codec Core cannot be simultaneous. Thus the Codec Controller is in charge to
assure that only a given data path (JPEG data from RAM -> JPGC -> YUV MCU data to
RAM, or the opposite) is active at a certain time.
26.4.3
DMAC
The DMA controller is used by the codec controller to perform fast data transfers from/to
external RAM to/from the internal FIFO buffers. The DMAC has to be programmed with the
correct transfer parameters, before any coding process can start. See also Chapter 36:
DMA controller (DMAC), for an in-depth description of the direct memory access block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com