Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 296 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 296 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 292Page - STMicroelectronics RM0319 Datasheet HTML 293Page - STMicroelectronics RM0319 Datasheet HTML 294Page - STMicroelectronics RM0319 Datasheet HTML 295Page - STMicroelectronics RM0319 Datasheet HTML 296Page - STMicroelectronics RM0319 Datasheet HTML 297Page - STMicroelectronics RM0319 Datasheet HTML 298Page - STMicroelectronics RM0319 Datasheet HTML 299Page - STMicroelectronics RM0319 Datasheet HTML 300Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 296 / 368 page
background image
Security co-processor (C3)
RM0319
296/368
Doc ID 022640 Rev 3
28
Security co-processor (C3)
This chapter focuses on C3 functionality and operation.
For technical details about the programmable registers related to the C3, refer to the C3
registers in the following companion document:
●
RM0321: SPEAr320S address map and registers
28.1
Overview
C3 is a DMA-based co-processor enabling the acceleration of data-driven computationally
expensive functions, such as: cryptography, pattern matching, signal processing, security
and network security applications. It can be used for other types of data intensive
applications as well.
It executes instruction flows generated by the host processor. After it has been set up by the
host, it runs in a completely autonomous way (DMA data in, data processing, DMA data
out), until the completion of all the requested operations.
28.2
Main features
●
C3 Hardware ID base address 0xFFFF_1000
●
Four instruction dispatchers
●
Four hardware accelerator channels with in/out FIFO inside
●
64 KB of internal RAM for low latency accesses
●
Coupling/Chaining Module (internal cross-bar) for interchannel direct high-speed
communications, up to 8 paths
●
Highly programmable (instruction-driven) controller
●
AMBA AHB 2.0 Master and Slave Interfaces
●
Scatter and Gather DMA engine
C3 has 8 slots for including channels (hardware accelerators). The channel configuration is
as follows:
Channel 0 - Empty
Channel 1 - Data Encryption Standard (DES and TripleDES)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com