Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 318 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 318 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 314Page - STMicroelectronics RM0319 Datasheet HTML 315Page - STMicroelectronics RM0319 Datasheet HTML 316Page - STMicroelectronics RM0319 Datasheet HTML 317Page - STMicroelectronics RM0319 Datasheet HTML 318Page - STMicroelectronics RM0319 Datasheet HTML 319Page - STMicroelectronics RM0319 Datasheet HTML 320Page - STMicroelectronics RM0319 Datasheet HTML 321Page - STMicroelectronics RM0319 Datasheet HTML 322Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 368 page
background image
System controller (SYSCTR)
RM0319
318/368
Doc ID 022640 Rev 3
If the NORMAL mode control bit is not set, then the system moves into the “Switch from
PLL” transition state.
XTAL control transition state, XTAL CTL
XTAL control transition state is used to initialize the crystal oscillator. While in this state, both
the system clocks and the system controller clock are driven from a low-frequency oscillator.
The system moves into the Switch to XTAL transition state when the crystal oscillator output
is stable. This is indicated when either the XTAL timeout defined in the XTAL control register
expires (when the XTALTIMEEN input is valid) or by the XTALON input being set to logic ‘1’.
Switch to XTAL transition state, SW TO XTAL
Switch to XTAL transition state is used to initiate the switching of the system clock source
from the slow speed oscillator to the crystal oscillator. The system moves into the SLOW
mode when the XTALSW input is set to logic ‘1’, to indicate that the clock switching is
complete.
Switch from XTAL transition state (SW from XTAL)
The “Switch from XTAL” transition state is entered when moving from SLOW to DOZE mode.
It is used to initiate the switching of the system clock source from the crystal oscillator to the
low speed oscillator. The system moves into the DOZE mode when the XTALSW input is set
to PLL control transition state (PLL CTL)
PLL control transition state, PLL CTL
The “PLL control” transition state is used to initialize the PLL. While in this state, both the
system clocks and the system controller clock are driven by the output of the crystal
oscillator.
The system moves then into the “Switch to PLL” transition state when the PLL timeout
defined in the PLL control register (SCPLLCTRL register) expires (when the PLLTIMEEN
input is invalid) and if the PLLON input is set to logic1.
Switch to PLL transition state (SW to PLL)
The “Switch to PLL” transition state is used to initiate the switching of the system clock
source from the crystal oscillator to the PLL output.
The system moves then into the NORMAL mode when the PLLSW input is set to logic ‘1’ to
indicate that the clock switching is complete.
Switch from PLL transition state (SW from PLL)
The “Switch from PLL” transition state is entered when moving from NORMAL to SLOW
mode. It is used to initiate the switching of the clock sources from the PLL to the crystal
oscillator output.
The system moves then into the SLOW mode when the PLLSW input is set to logic ‘0’ to
indicate that the clock switching is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com