Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 320 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 320 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 316Page - STMicroelectronics RM0319 Datasheet HTML 317Page - STMicroelectronics RM0319 Datasheet HTML 318Page - STMicroelectronics RM0319 Datasheet HTML 319Page - STMicroelectronics RM0319 Datasheet HTML 320Page - STMicroelectronics RM0319 Datasheet HTML 321Page - STMicroelectronics RM0319 Datasheet HTML 322Page - STMicroelectronics RM0319 Datasheet HTML 323Page - STMicroelectronics RM0319 Datasheet HTML 324Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 368 page
background image
System controller (SYSCTR)
RM0319
320/368
Doc ID 022640 Rev 3
29.3.3
Interrupt response mode
To enable the best possible response to interrupts, the current mode bits can be modified by
hardware in the system control register after an interrupt has been generated. This enables,
for example, the state machine to move from DOZE mode to NORMAL mode after an
interrupt.
The interrupt response functionality is controlled by the interrupt mode control register
(SCIMCTRL), which defines if the functionality has been enabled, the mode of operation
that is required following an interrupt, what type of interrupt is permitted to enable the
interrupt response mode, an interrupt mode status bit and clear mechanism.
Note:
It is not possible for the interrupt response mode to slow the system operating speed, for
example, changing mode from NORMAL to SLOW.
The interrupt response mode is cleared by writing a 1‘b0 to the interrupt mode control
register SCIMCTRL. Following a power-on reset, the interrupt response mode is disabled.
29.3.4
Reset control
The reset control is used to request a soft reset to be generated by asserting the
SOFTRESREQ output for a single SCLK cycle when any value is written to the reset status
register.
29.3.5
Core clock control
To enable the software to control the relative frequency of the core clock (CLK) and the bus
clock (HCLK), the system controller provides access to the HCLKDIVSEL[2:0] output
through the system control register (namely the 3 bit field HCLKDivSel of the SCCTRL
register).
These output signals are intended for use by the clock generation logic to control the
generation of the CLK/HCLK clock source and the HCLKEN input. To prevent spurious
change of the CLK/HCLK clock ratio, the HCLKDIVSEL output is only allowed to change
when the system mode control state machine is in a stable state, that is, the actual system
mode matches the required system mode.
29.3.6
Watchdog module clock enable generation
Enable signals are generated by the system controller to allow the watchdog module to be
clocked at a rate that is independent of the system clock PCLK. In particular, the enable
signals are generated by sampling a free-running, constant frequency input clock (REFCLK)
and generating an active high pulse for a single PCLK clock cycle on each rising edge of the
input clock (REFCLK). Since PCLK is used to sample REFCLK the frequency of PCLK must
be at least double.
The supported module enable signals are:
●
WDCLKEN for the watchdog module clock enable.
The enable signal for the watchdog module is generated from the REFCLK input (24 MHz
crystal clock), as defined in the system control register (SCCTRL).
Additionally, to enable the watchdog module to be clocked directly at the system clock rate, it
is also possible to selectively force the enable outputs high setting to 1 SSCTRL[23]
(WDogEnOv). The watchdog clock enable output can be forced inactive by de-asserting the
WDEN input. The WDEN input is driven low when the processor is in debug state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com