Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 324 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 324 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 320Page - STMicroelectronics RM0319 Datasheet HTML 321Page - STMicroelectronics RM0319 Datasheet HTML 322Page - STMicroelectronics RM0319 Datasheet HTML 323Page - STMicroelectronics RM0319 Datasheet HTML 324Page - STMicroelectronics RM0319 Datasheet HTML 325Page - STMicroelectronics RM0319 Datasheet HTML 326Page - STMicroelectronics RM0319 Datasheet HTML 327Page - STMicroelectronics RM0319 Datasheet HTML 328Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 368 page
background image
Power, reset and clock control
RM0319
324/368
Doc ID 022640 Rev 3
In this state, the CPU is running with the RTC or the main oscillator, according to the bit set
in PRPH_CLK_CFG.rtc_disable. After reset, the main oscillator is selected (which allows to
have systems without RTC oscillator).
You can select a division of main oscillator frequency through
CORE_CLK_CFG.osci24_div_en to enable and CORE_CLK_CFG.osci24_div_ratio bits to
select ratio.
Using the RTC oscillator, you can achieve better results in terms of power consumption.
Code execution
In DOZE state, the code has to run from internal memory (Boot ROM, internal RAM, Cache
and TCM if present) or from external memory Serial Flash or DRAM. To run from DRAM,
you must use PLL2 for the SDRAM controller (asynchronous DRAM mode) with a frequency
higher than the minimum supported by used DRAM.
It is also recommended, if wake-up response allows it, to put DDR in self refresh mode.
The transition to another state is software-controlled through SCCTRL ModeCtrl bits. It
allows to program directly in NORMAL state, in this case the hardware will execute
transitioning as several steps. Less than five clock cycles are required to change from one
state to another.
30.1.3
SLOW
In SLOW mode, both the system clocks and the system controller clock are driven from the
output of the crystal oscillator.
If NORMAL mode is required, the system moves into the “PLL control” transition state. If
neither the SLOW nor the NORMAL mode control bits are set, the system moves into the
“Switch from XTAL” transition state.
You
can
select
a
division
of
the
main
oscillator
frequency
through
CORE_CLK_CFG.osci24_div_en to enable and CORE_CLK_CFG.osci24_div_ratio bits to
select ratio.
In SLOW state, there are the same constrains of DOZE state for code execution.
The transition to another state is software-controlled through SCCTRL Mode Ctrl bits.
It is allowed to program DOZE state and nothing else is required.
To go in NORMAL state, you must program PLL1 at the desired frequency. PLL has to be
stable before switching to NORMAL. To achieve this, two ways are possible:
●
By software, verifying PLL1_CTR.pll_lock bit, applicable if Dither is disabled
(PLL1_CTR.pll_control1.DitherMode).
●
By hardware. An intermediate hardware state waits for PLL stabilization using a pre-
programmed delay, use SCPLLCTRL.PllTime for time delay with SCPLLCTRL PllOver
disabled. See formula in Section 30.4: Reset to calculate the proper delay.
30.1.4
NORMAL
In NORMAL mode, both the system clocks and the system controller clock are driven from
the output of PLL.
If the NORMAL mode control bit is not set, then the system moves into the “Switch from
PLL” transition state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com