Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 327 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 327 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 323Page - STMicroelectronics RM0319 Datasheet HTML 324Page - STMicroelectronics RM0319 Datasheet HTML 325Page - STMicroelectronics RM0319 Datasheet HTML 326Page - STMicroelectronics RM0319 Datasheet HTML 327Page - STMicroelectronics RM0319 Datasheet HTML 328Page - STMicroelectronics RM0319 Datasheet HTML 329Page - STMicroelectronics RM0319 Datasheet HTML 330Page - STMicroelectronics RM0319 Datasheet HTML 331Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 368 page
background image
RM0319
Power, reset and clock control
Doc ID 022640 Rev 3
327/368
mode when the XTALSW input is set to logic ‘1’, to indicate that the clock switching is
complete.
30.2.3
Switch from XTAL transition state (SW from XTAL)
The “Switch from XTAL” transition state is entered when moving from SLOW to DOZE mode.
It is used to initiate the switching of the system clock source from the crystal oscillator to the
low speed oscillator. The system moves into the DOZE mode when the XTALSW input is set
to PLL control transition state (PLL CTL)
The “PLL control” transition state is used to initialize the PLL. While in this state, both the
system clocks and the system controller clock are driven by the output of the crystal
oscillator.
The system moves then into the “Switch to PLL” transition state when the PLL timeout
defined in the PLL control register (SCPLLCTRL register) expires (when the PLLTIMEEN
input is invalid) and if the PLLON input is set to logic1.
30.2.4
Switch to PLL transition state (SW to PLL)
The “Switch to PLL” transition state is used to initiate the switching of the system clock
source from the crystal oscillator to the PLL output.
The system moves then into the NORMAL mode when the PLLSW input is set to logic ‘1’ to
indicate that the clock switching is complete.
30.2.5
Switch from PLL transition state (SW from PLL)
The “Switch from PLL” transition state is entered when moving from NORMAL to SLOW
mode. It is used to initiate the switching of the clock sources from the PLL to the crystal
oscillator output.
The system moves then into the SLOW mode when the PLLSW input is set to logic ‘0’ to
indicate that the clock switching is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com