Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 329 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 329 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 325Page - STMicroelectronics RM0319 Datasheet HTML 326Page - STMicroelectronics RM0319 Datasheet HTML 327Page - STMicroelectronics RM0319 Datasheet HTML 328Page - STMicroelectronics RM0319 Datasheet HTML 329Page - STMicroelectronics RM0319 Datasheet HTML 330Page - STMicroelectronics RM0319 Datasheet HTML 331Page - STMicroelectronics RM0319 Datasheet HTML 332Page - STMicroelectronics RM0319 Datasheet HTML 333Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 368 page
background image
RM0319
Power, reset and clock control
Doc ID 022640 Rev 3
329/368
30.3.3
Combining frequency scalling and clock techniques
In NORMAL state, the best active power saving is obtained by combining the power
management techniques previously described.
These techniques reduce the power consumption of a device allowing a fast response to a
critical task (that can be performed always at maximum frequency, if needed).
30.3.4
Statically frequency selection and clock switching OFF
With this technique, you can define statically, based on performance defined in the
manufacturing process, the frequency and activate only the modules requested by the
application.
This technique is easier from the designer’s point of view for software development and
offers a well known consumption. It is recommended that when the performance required is
without critical task, it is sufficient to guarantee an average power computation.
This technique should be applied when a constant consumption is requested by the system.
It is useful when USB ports are not requested switch of USB PLL (PLL3) and peripheral
clock could be attached to PLL1, with the right prescaler.
Also PLL2 should be OFF in synchronous mode.
Flash serial (SMI)
IrDA
PLL1
Internal ROM
JPEG codec
PLL2
DMA
I2C
PLL3
Table 118.
Modules supporting DCS technique
Module
Module
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com