Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 332 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 332 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 328Page - STMicroelectronics RM0319 Datasheet HTML 329Page - STMicroelectronics RM0319 Datasheet HTML 330Page - STMicroelectronics RM0319 Datasheet HTML 331Page - STMicroelectronics RM0319 Datasheet HTML 332Page - STMicroelectronics RM0319 Datasheet HTML 333Page - STMicroelectronics RM0319 Datasheet HTML 334Page - STMicroelectronics RM0319 Datasheet HTML 335Page - STMicroelectronics RM0319 Datasheet HTML 336Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 368 page
background image
Power, reset and clock control
RM0319
332/368
Doc ID 022640 Rev 3
30.5.2
PLL programming
The system clocks are generated by three PLLs:
●
PLL1: fully programmable; it generates the clock for the CPU and AMBA system.
●
PLL2: fully programmable; it generates the clock for the RAS block and the DDR
multiport controller (MPMC).
Both PLL1 and PLL2 offer an EMI reduction mode (dithering mode) than can replace all
traditional drop methods for electro-magnetic interference.
●
PLL3: it generates the clock for USB controllers. Unlike PLL2 and PLL2, PLL3 is not
programmable.
PLL clock source selection
The clock sources for the PLLs are:
●
PLL1: 24 MHz oscillator or PL_CLK4 pin
●
PLL2: 24 MHz oscillator or PL_CLK3 pin
The clock sources for PLL1 and PLL2 can be selected by software. At reset the 24 MHz
source is selected.
●
PLL3: 24 MHz oscillator. Since PLL3 is not programmable, if the USB functionality is
required in the application, then the external oscillator frequency must be 24 MHz.
PLL operating modes (normal, dithered, fractional-N synthesis)
PLL1 and PLL2 can work in three operating modes:
●
Normal mode (Dither-off mode): the PLL behaves as a normal PLL.
●
Fractional-N synthesis mode: with this mode it is possible to select VCO frequencies
that are not integer multiples of the reference frequency.
●
Dither-on mode:
–
Double side modulation: a triangular wave is added to the VCO frequency.
–
Single side modulation: similar to double side modulation, with the difference that
the modulation is only subtracting from the main frequency.
To reduce the electromagnetic emission both PLL1 and PLL2 can be programmed to work in
dithered mode.
When the dithered mode is enabled, the PLL output clock is modulated and the frequency
assumes a triangular shape. In this way the clock power spectrum is spread on a small
range (programmable) of frequencies decreasing the emission power peak.
This method replaces the other traditional methods of EMI reduction, as filtering, ferrite
beads, chokes, adding power layers and ground planes to PCBs, metal shielding, allowing
sensible cost saving for customers.
30.5.3
Clock distribution scheme
Core clock control
To enable the software to control the relative frequency of the core clock (SYS_CLK) and the
bus clock (HCLK), the software can program the HCLKDivSel bits in the SCCTRL register).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com