Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 335 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 335 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 331Page - STMicroelectronics RM0319 Datasheet HTML 332Page - STMicroelectronics RM0319 Datasheet HTML 333Page - STMicroelectronics RM0319 Datasheet HTML 334Page - STMicroelectronics RM0319 Datasheet HTML 335Page - STMicroelectronics RM0319 Datasheet HTML 336Page - STMicroelectronics RM0319 Datasheet HTML 337Page - STMicroelectronics RM0319 Datasheet HTML 338Page - STMicroelectronics RM0319 Datasheet HTML 339Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 368 page
background image
RM0319
Power, reset and clock control
Doc ID 022640 Rev 3
335/368
Refer to the description of the AMEM_CFG_CTRL register and the ahbX_fifo_type_reg
parameter in the MPMC chapter for configuration details.
de
30.5.5
Bus clocks
Through the miscellaneous CORE_CLK_CFG and PRPH_CLK_CFG registers, you can
define:
●
the ratio between the CPU clock and its HCLK
●
the ratio between the AHB and the APB clock
●
the source for the peripheral clock
By default, this is derived from the fixed frequency of 48 MHz avoiding problems in case that
the bus clock changes value because of different system states or because of different PLL
settings.
Peripheral clock gating
The miscellaneous PERIP1_CLK_ENB register provides control bits allowing the software
to enable or disable the clock for each peripheral for sophisticated power management.
30.5.6
Watchdog module clock enable generation
Enable signals are generated by the system controller to allow the watchdog module to be
clocked at a rate that is independent of the system clock SYS_CLK. In particular, the enable
signals are generated by sampling a free-running, constant frequency input clock and
generating an active high pulse for a single SYS_CLK clock cycle on each rising edge of the
input clock.
The supported module enable signals are:
●
WDCLKEN for the watchdog module clock enable.
The enable signal for the watchdog module is generated from the REFCLK input, as defined
by the WDogEnOv bit in the system control register (SCCTRL).
30.5.7
RAS clock
The CLCD, SDIO and FSMC IPs, present in the RAS subsystem, operate at HCLK clock
frequency. While SPP, SSP, CAN, PWM and UART operate at PCLK clock frequency. Other
clock frequencies are shown in the diagram below.
Table 120.
DDR_CLK source selection
mctr_clk_sel bits
System clock source
(output of M4 multiplexer (see Figure 111
)
000
HCLK
001
2x HCLK
010
Reserved
011
PLL2
1xx
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com