Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 334 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 334 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 330Page - STMicroelectronics RM0319 Datasheet HTML 331Page - STMicroelectronics RM0319 Datasheet HTML 332Page - STMicroelectronics RM0319 Datasheet HTML 333Page - STMicroelectronics RM0319 Datasheet HTML 334Page - STMicroelectronics RM0319 Datasheet HTML 335Page - STMicroelectronics RM0319 Datasheet HTML 336Page - STMicroelectronics RM0319 Datasheet HTML 337Page - STMicroelectronics RM0319 Datasheet HTML 338Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 334 / 368 page
background image
Power, reset and clock control
RM0319
334/368
Doc ID 022640 Rev 3
●
SYS_CLK and CLK_CPU clock sources
When the system switches from NORMAL, SLOW, DOZE or SLEEP mode, the system clock
source is selected automatically (multiplexer M2 in Figure 110 on page 331.).
Depending on the state machine (see Chapter 29: System controller (SYSCTR) for full
details) the system clock (SYS_CLK) and the CPU clock (CPU_CLK) can be derived from
the following sources:
●
External oscillator (24 MHz) (divided by 2, 4, 16 or 32)
●
PLL1 (up to 333 MHz)
●
RTC crystal (32.768 kHz)
The selection depends also on the value programmed in the rtc_disable bit in the MISC
PRPH_CLK_CFG register.
By programming the miscellaneous registers, you can define:
●
the output frequency of PLL1 (used in NORMAL mode)
●
the divider for 24 MHz oscillator (used in SLOW and DOZE mode).
30.5.4
DDR memory controller clock
The multiport memory controller (MPMC) uses the HCLK to synchronize the internal bus
access and uses another clock source, which can be chosen between PLL1 or PLL2
(setting the MISC registers), for the external DDR memory interface.
The two clock domains can be synchronous or asynchronous. Having the two clock domains
asynchronous offers more flexibility in the system definition, but also adds more latency due
to the resynchronization stages.
Synchronous mode
In synchronous mode we can configure both the CPU and the external DDR memory to run
at 333 MHz. In this case, the SYS_CLK provides the clock to all the internal blocks (CPU
and system bus) and to the DDR external memory.
Asynchronous mode
We can configure the CPU to run at 333 MHz and the HCLK bus to run at 166 MHz, but
have the external DDR memory running at 266 MHz to reduce the board cost. In this
example, PLL1 provides the clock to all the internal blocks (CPU and system bus) while
PLL2 provides the frequency to the external memory.
Table 119.
System source control selection
Mode
rtc_disable
bit
System clock source (output of M2 multiplexer (see
Figure 110
on page 331)
NORMAL
x
PLL1
SLOW
x
24 MHz oscillator clock divided by 2, 4, 16 or 32
DOZE
0
CLK32KHz
DOZE
1
24 MHz oscillator clock divided by 2, 4, 16 or 32
SLEEP
0
CLK32KHz
SLEEP
1
24 MHz oscillator clock divided by 2, 4, 16 or 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com