Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 337 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 337 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 333Page - STMicroelectronics RM0319 Datasheet HTML 334Page - STMicroelectronics RM0319 Datasheet HTML 335Page - STMicroelectronics RM0319 Datasheet HTML 336Page - STMicroelectronics RM0319 Datasheet HTML 337Page - STMicroelectronics RM0319 Datasheet HTML 338Page - STMicroelectronics RM0319 Datasheet HTML 339Page - STMicroelectronics RM0319 Datasheet HTML 340Page - STMicroelectronics RM0319 Datasheet HTML 341Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 368 page
background image
RM0319
Power, reset and clock control
Doc ID 022640 Rev 3
337/368
30.5.8
Clock synthesizer
The clock synthesizer is a digital signal generator. It is used to perform a fractional clock
divider.
Note:
Refer to “Auxiliary clock synthesizer register bit assignments” table in RM0321: SPEAr320S
address map and registers, for the register fields mentioned in this section.
Giving an input clock with frequency Fin and two integers X (synt_xdiv field of programming
register) and Y (synt_xdiv field), the clock synthesizer generates a new clock with frequency
2
/
1
⎟
⎠
⎞
⎜
⎝
⎛
∗
=
Y
X
Fin
F
out
:
with X<Y/2 if the post divider is enabled (synt_clkout_sel field is cleared); while:
⎟
⎠
⎞
⎜
⎝
⎛
∗
=
Y
X
Fin
F
out 2
with X <Y/2, if post divider is disabled (synt_clkout_sel field is set).
The clock synthesizer is based on Y-modulo counter incremented by X. After reset the
counter value is zero and it increments of X every input clock cycle. If N is the number of
input clock cycle the output is high when:
Y
X
N
≥
∗
The counter loads the value Y-NX a clock cycle after that it is verified the previous condition,
the output become low and the process iterates again. If Y is a multiple of X
X
Y
N
=
:
is a constant and the output period is
X
Y
T
N
T
T
in
in
out
∗
=
∗
=
The output frequency is given by the Fout formula above.
When Y/X is not an integer value, the output period swings between N and N+1 times the
input clock period, with N the integer part of Y/X.
This means that the maximum period drift is of one input clock period.
For example:
With Fout= 40 MHz, Fin= 333 MHz the synthesizer parameters are:
X=40 and Y=333
This means that the output clock period is on average: Tout = 8.325 * Tin.
The output period will be 8 or 9 times the input clock period:
Tout = 8 * 3 = 24 ns and Tout = 9 * 3 = 27 ns
The maximum output period drift is 27-24 =3 ns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com