Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 340 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 340 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 336Page - STMicroelectronics RM0319 Datasheet HTML 337Page - STMicroelectronics RM0319 Datasheet HTML 338Page - STMicroelectronics RM0319 Datasheet HTML 339Page - STMicroelectronics RM0319 Datasheet HTML 340Page - STMicroelectronics RM0319 Datasheet HTML 341Page - STMicroelectronics RM0319 Datasheet HTML 342Page - STMicroelectronics RM0319 Datasheet HTML 343Page - STMicroelectronics RM0319 Datasheet HTML 344Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 368 page
background image
Reconfigurable array subsystem (RASCFG)
RM0319
340/368
Doc ID 022640 Rev 3
32
Reconfigurable array subsystem (RASCFG)
This chapter provides a general introduction the RAS subsystem and programming the RAS
registers.
For further technical details about the RASCFG registers, refer the following companion
document:
●
RM0321: SPEAr320S address map and registers
32.1
Overview
The SPEAr320S reconfigurable array subsystem includes the following interfaces:
●
FSMC: NAND Flash interface (8/16 bits, 4 chip selects) (see Section 8: Parallel NAND
Flash controller (FSMC))
●
EMI: External memory interface (16 data bits, 24 address bits and 4 chip selects) (see
Section 9: External memory interface (EMI))
●
CAN0, CAN1: 2 x CAN2.0 interfaces (see Section 15: Controller area network ports
(CAN))
●
MACB: 2 x Ethernet MAC modules with 1 MII or 2 RMII interfaces (see Section 13: Fast
Ethernet ports (RMII0/RMII1/MII1))
●
UART1, 2, 3, 4, 5, 6: 6 x UARTs with SW flow control (baud rate up to 7 Mbps) (see
Section 16: Asynchronous serial ports (UART))
●
UART_RS485: UART/RS485 interface (see Section 16: Asynchronous serial ports
(UART))
●
CLCD: LCD interface (up to 1024x768, 24 bits LCD controller, TFT and STN panels)
(see Section 24: LCD display controller (CLCD)
●
TOUCHSCREEN: Touchscreen block (see Section 25: Touchscreen interface
(TOUCHSCREEN)))
●
SSP1,2: 2 x independent SPI ports (see Section 18: Synchronous serial ports (SSP))
●
PL-GPIO: PL_GPIOs with interrupt capabilities (see Section 23: Extended general
purpose I/O (PL_GPIO)
●
Memory Card Controller: SD/SDIO/MMC interface supporting SPI, SD1, SD4 and
SD8 mode (see Section 14: MMC-SD card/SDIO controller)
●
SPP: Standard parallel port (SPP device implementation) (see Section 20: Legacy
IEEE 1284 parallel port (SPP))
●
PWM: Up to 4 PWM outputs (see Section 38: Pulse width modulators (PWM)
●
I2C1,2: 2 x I2C interfaces (see Section 17: I2C bus ports (I2C))
●
I2S: I2S input-output for voice or modem interfaces (see Section 27: Digital audio port
(I2S)
32.2
I/O multiplexing scheme configuration
The RASCFG registers are used to select the I/O multiplexing scheme as described in the
datasheet pin description tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com