Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 341 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 341 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 337Page - STMicroelectronics RM0319 Datasheet HTML 338Page - STMicroelectronics RM0319 Datasheet HTML 339Page - STMicroelectronics RM0319 Datasheet HTML 340Page - STMicroelectronics RM0319 Datasheet HTML 341Page - STMicroelectronics RM0319 Datasheet HTML 342Page - STMicroelectronics RM0319 Datasheet HTML 343Page - STMicroelectronics RM0319 Datasheet HTML 344Page - STMicroelectronics RM0319 Datasheet HTML 345Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 368 page
background image
RM0319
Reconfigurable array subsystem (RASCFG)
Doc ID 022640 Rev 3
341/368
There are four legacy configuration modes that select a specific group of IPs and I/O
functions. These are:
●
Mode 1: HMI automation mode
●
Mode 2: MII automation networking mode
●
Mode 3: Expanded automation mode
●
Mode 4: Printer mode
Alternatively you can configure Extended mode which allows you to flexibly choose the
available functions of each IP individually.
The configuration mode is selected as follows:
To use any of four legacy mode:
1.
Clear bit 0 in the RASCFG Extended Control register
2.
Select configuration mode by writing the corresponding value in Mode_Sel bits [2:0] for
the RASCFG Control Register
To use Extended mode:
1.
Set bit 1 in the RAS Extended Control register.
Select the functions for each pin individually by programming the RAS_iosel_regx registers.
32.2.1
Alternate functions
The I/O functions of other IPs can be enable by setting the corresponding bits of the
RAS_Select_Reg register
These alternate function IPs are:
●
IrDA
●
I2C0
●
UART0
●
MII0 Ethernet
●
GPT1, GPT2 timers
●
6 basGPIOs.
32.3
Bootstrap register configuration
The bootstrap register allows you to read the values latched on the H[7:0] and B[3:0] boot
pins. Refer to the boot pins description table in the datasheet for meaning of the B[3:0]
values. The H[7:0] pins are user definable strapping options.
32.4
RAS interrupts
Table 121.
RAS Interrupt assignment
Generic RAS interrupt
VIC IRQ
IPs
3
1
CAN, UART, RS485, SSP, MACB, I2C
2
30
PL_GPIO, I2S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com