Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 331 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 331 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 327Page - STMicroelectronics RM0319 Datasheet HTML 328Page - STMicroelectronics RM0319 Datasheet HTML 329Page - STMicroelectronics RM0319 Datasheet HTML 330Page - STMicroelectronics RM0319 Datasheet HTML 331Page - STMicroelectronics RM0319 Datasheet HTML 332Page - STMicroelectronics RM0319 Datasheet HTML 333Page - STMicroelectronics RM0319 Datasheet HTML 334Page - STMicroelectronics RM0319 Datasheet HTML 335Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 331 / 368 page
background image
RM0319
Power, reset and clock control
Doc ID 022640 Rev 3
331/368
Figure 110. Main clock sources
The following registers in the MISC register block are used to configure and control the
clocks:
●
PLL1_CTR, PLL1_FRQ, PLL1_MOD,
●
PLL2_CTR, PLL2_FRQ, PLL2_MOD,
●
PLL_CLK_CFG, CORE_CLK_CFG,
●
PRPH_CLK_CFG, PERIP1_CLK_ENB, RAS_CLK_ENB,
●
PRSC1_CLK_CFG, PRSC2_CLK_CFG, PRSC3_CLK_CFG, AMEM_CFG_CTRL,
●
IRDA_CLK_SYNT_CFG, UART0_CLK_CFG, MAC_CLK_SYNT_CFG,
RAS_CLK_SYNT1_CFG, RAS_CLK_SYNT2_CFG, RAS_CLK_SYNT3_CFG,
RAS_CLK_SYNT4_CFG
The following registers in the system controller register block are also used to configure and
control the clocks (see also Chapter 29: System controller (SYSCTR)):
●
SCCTRL SCXTALCTRL, SCPLLCTRL
24 MHz
OSC
PLL2
MISC PLL_CLK _CFG
PL_CLK3
MCLK_XI
MCLK_XO
PLL1
MISC PLL1_FREQ register(0x0C)
MISC PLL1_MOD register (0x10)
MISC PLL1_CTR register (0x08)
MISC PLL_CLK _CFG
PL_CLK4
register (0x20)
PLL3
CLK12 MHz
PLL2_CLKOUT
100- 333 MHz
32 KHz
OSC
RTC_XI
RTC_XO
up to 333 MHz
up to 32.768 kHz
up to 24 MHz
CPU_CLK
CLK30 MHz
CLK48 MHz
SYS_CLK
/2, /4, /16, /32
system state control
logic
System controller
MISC CORE_CLK_CFG register (0x24)
MISC PLL2_FREQ register(0x18)
MISC PLL2_MOD register (0x1C)
MISC PLL2_CTR register (0x14)
register (0x20)
M1
M3
M2
(input to multiplexer
for DDR_CLK)
(input to prescalers
for HCLK and PCLK)
Divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com