Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 330 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 330 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 326Page - STMicroelectronics RM0319 Datasheet HTML 327Page - STMicroelectronics RM0319 Datasheet HTML 328Page - STMicroelectronics RM0319 Datasheet HTML 329Page - STMicroelectronics RM0319 Datasheet HTML 330Page - STMicroelectronics RM0319 Datasheet HTML 331Page - STMicroelectronics RM0319 Datasheet HTML 332Page - STMicroelectronics RM0319 Datasheet HTML 333Page - STMicroelectronics RM0319 Datasheet HTML 334Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 368 page
background image
Power, reset and clock control
RM0319
330/368
Doc ID 022640 Rev 3
30.4
Reset
30.4.1
Main reset (MRESET)
To ensure the system starts correctly after power on, the external reset pin MRESET must
be held low by hardware until the power supply is stable.
30.4.2
Software reset control
A system reset can be generated by writing any value to the system status register
(SCSYSSTAT).
The on-chip peripherals can be reset individually by writing to the corresponding control bits
in the MISC PERIP1_SOF_RST and MISC RAS_SOF_RST registers.
30.4.3
Watchdog reset
Refer to Section 34: Watchdog timer (WDT).
30.5
Clock control
The clock control system block generates all the internal clock signals and controls the
system reset. Several synthesizers provide different frequencies for the various IPs. It
provides fully programmable control of clock and reset signals for all the slave blocks
allowing sophisticated power management
30.5.1
Main clocks
The main clocks, at default operating frequency, are:
●
SYS_CLK and CPU_CLK @ up to 333 MHz for the system and CPU
●
HCLK @ 166 MHz for the AHB Bus and AHB peripherals
●
PCLK @ 83 MHz for the APB Bus and APB peripherals
●
DDR_CLK @ 100-333 MHz for DDR memory interface
●
CLK12MHz, CLK30MHz and CLK48MHz for the USB controllers
The above frequencies are the maximum allowed values. All these clocks are generated by
three PLLs as shown in Figure 110 and Figure 111.
See also Section 30.5.2: PLL programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com