Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM0319 Datasheet(PDF) 326 Page - STMicroelectronics

Part # RM0319
Description  SPEAr320S architecture and functionality
PDF  368 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0319 Datasheet(HTML) 326 Page - STMicroelectronics

Back Button RM0319 Datasheet HTML 322Page - STMicroelectronics RM0319 Datasheet HTML 323Page - STMicroelectronics RM0319 Datasheet HTML 324Page - STMicroelectronics RM0319 Datasheet HTML 325Page - STMicroelectronics RM0319 Datasheet HTML 326Page - STMicroelectronics RM0319 Datasheet HTML 327Page - STMicroelectronics RM0319 Datasheet HTML 328Page - STMicroelectronics RM0319 Datasheet HTML 329Page - STMicroelectronics RM0319 Datasheet HTML 330Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 368 page
background image
Power, reset and clock control
RM0319
326/368
Doc ID 022640 Rev 3
30.2
Transition states
When switching from one system operation state to another the system passes through
certain transition states as shwon in Figure 109
Figure 109. System control state machine transitions
30.2.1
XTAL control transition state, XTAL CTL
XTAL control transition state is used to initialize the crystal oscillator. While in this state, both
the system clocks and the system controller clock are driven from a low-frequency oscillator.
The system moves into the Switch to XTAL transition state when the crystal oscillator output
is stable. This is indicated when either the XTAL timeout defined in the XTAL control register
expires (when the XTALTIMEEN input is valid) or by the XTALON input being set to logic ‘1’.
30.2.2
Switch to XTAL transition state, SW TO XTAL
Switch to XTAL transition state is used to initiate the switching of the system clock source
from the slow speed oscillator to the crystal oscillator. The system moves into the SLOW
PLLSW
NORMAL
SW From
PLL
NORMAL
PLL SW
NORMAL
PLLON ||(PLLTIMEEN && PLL Timeout)
SW to
PLL
SLOW
SW From
XTAL
DOZE
XTAL
CTL
SW to
XTAL
SLOW&NORMAL
XTALSW
SLOW |
NORMAL
XTALON ||(XTALTIMEEN && XTAL Timeout)
XTAL SW
IRQ | FIQ
DOZE&SLOW&NORMAL
&STANDBYWFI
nPOR
SLEEP
PLL
CTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com